Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KOE1023A Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KOE1023A
Description  Digital Output Ambient Light Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KOE1023A Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KOE1023A Datasheet HTML 1Page - KODENSHI_AUK CORP. KOE1023A Datasheet HTML 2Page - KODENSHI_AUK CORP. KOE1023A Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(
REFERENCE)
Recommended Operating Conditions
[TA = 25 ]
Electrical & Optical Specifications
[TA = 25 ]
I
2C Timing Characteristics
[Ta=25℃]
I
2C operating frequency
fscl
10
V
I
2C input high voltage
VIH
VDD=3.0V
2.1
0.8
V
VDD=3.0V
300
Max.
Unit.
3.0
3.3
V
I
2C input low voltage
VIL
Clock / Data fall time
t(F)
300
I
2C clock(SCL) low period
t(LOW)
1.3
t(SUDAT)
100
2.7
Data setup time
0.9
Parameter
Symbol
Conditions
Min.
Typ.
Supply voltage
VDD
Data hold time
t(HDDAT)
0
400
After this period, the first clock is generated.
Repeated start condition setup time
t(SUSTA)
0.6
400
Bus free time between start and stop condition
t(BUF)
1.3
Output Current
With Load
ISIG
Parameter
Symbol
Min.
Typ.
Conversion time
I
2C clock(SCL) high period
t(HIGH)
0.6
Clock / Data rise time
t(R)
X
15,970
Illuminance Responsivity
Stop condition setup time
t(SUSTO)
0.6
t(CONV)
1.2
Clock frequency
f(SCL)
Hold time after(repeated) start condition.
40,000
Lux
Max.
Unit.
100
400
Shutdown Current
IDD(SD)
t(HDSTA)
0.6
Unit.
Peak Sensitivity Wavelength
λp
550
Parameter
Symbol
Conditions
Min.
Typ.
Max.
I
2C Signal Input
Logic High
VIH
Logic Low
VIL
0
1886
V
0.3*VDD
V
0.7*VDD
ADC Count Value
Ch0
Fluorescent Lamp
VDD=3V,Ev=1,000lux
Ch1
6
Counts
Ch1
505
Ch0
TungstenLamp
(2856K,d=30cm)
VDD=3V,Ev=1,000lux
Gain Scaling(relative to 1X)
16X
15
10,189
16
17
Ch0
RV
VDD=3.0V,
Fluorescent Lamp
1.89
780
Counts/
Lux
Ch1
0.51
Maximum Detectable Intensity
VDD=3.0V,
Fluorescent Lamp
fOSC
690
735
Supply Current
IDD
VDD=3.0V
100
200
600
Oscillator
No Light, VDD=3V, V1(SD)
(VDD-05)
310
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
KOE1023A


Similar Part No. - KOE1023A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
   Visible Light Sensor
More results

Similar Description - KOE1023A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
   Digital Ambient Light Sensor
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
   DIGITAL AMBIENT LIGHT SENSOR
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8_15 Datasheet
875Kb / 21P
   Digital Ambient Light Sensor
logo
Maxim Integrated Produc...
MAX44004 MAXIM-MAX44004 Datasheet
1Mb / 17P
   Digital Ambient Light Sensor
Rev 0; 5/12
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
Rohm
BH1710FVC ROHM-BH1710FVC Datasheet
367Kb / 5P
   16bit serial output digital Ambient Light Sensor IC
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8 Datasheet
541Kb / 21P
   I2 Digital Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
Rohm
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com