Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MODEL5510 Datasheet(PDF) 2 Page - Pomona Electronics

Part # MODEL5510
Description  BNC To Banana Plug and Binding Post Adapter Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MODEL5510 Datasheet(HTML) 2 Page - Pomona Electronics

  MODEL5510 Datasheet HTML 1Page - Pomona Electronics MODEL5510 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90760
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5510_2_01.doc
Page 2 of
2
Model 5510
BNC To Banana Plug and
Binding Post Adapter Kit
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
Model 1452: Adapter-Binding Posts to BNC Receptacle: UPPER CONN: Binding Posts, Insulated, Material:
Binding post body, brass H.H. per QQ-B-626, Alloy 360, Finish: Nickel plated per QQ-N-290, class 2 (.0002 min.),
Insulation: Acrylonitrile-Butadiene-Styrene, molded to binding posts and BNC receptacle, Color: One Red and one
Black (Gnd), Operating Temperature: +115ºC. (+239ºF.) MAX., Marking: “POMONA ELECTRONICS
POMONA CALIFORNIA 1452.”, LOWER CONN: BNC receptacle, comparable to UG 1094/U, Finish: Body and
fittings, tarnish resistant, Nominal Impedance: 50 Ohms, RATINGS (Entire Assembly): Operating Temperature:
+50ºC. (+122ºF.) MAX., Voltage: Hand-held testing: 30 VAC/60 VDC MAX., Hands free testing in controlled
voltage environments: 500 VRMS.
Model 3283: Body – Brass, Tarnish Resistant Plating, Center Contact: Gold Plated Beryllium Copper
Dielectric: PTFE, Marking: “Pomona 3283”, RATINGS: Voltage: Shield/Earth: 30VAC/60VDC Max., Inner
Conductor/Shield: 500VRMS Max., Operating Temperature: -65ºC to +165ºC, Nominal Impedance: 50 Ohms.
Model 3533: Body – Brass, Tarnish Resistant Plating, Center Contact: Gold Plated Brass, Dielectric: PTFE, Finish:
Body and Fittings – Tarnish Resistant, Center Contact – Gold Plated, Marking: “Pomona 3533”,
RATINGS: Voltage: Shield/Earth: 30VAC/60VDC Max., Inner Conductor/Shield: 500VRMS Max., Operating
Temperature: -65ºC to +165ºC, Nominal Impedance: 50 Ohms.
ORDERING INFORMATION: Model 5510 (Includes a kit of items from above)
Replacement P/N’s: Model 1269: BNC Female To Double Stacking Banana Plug: Body, Model 1270: BNC
(Male)To Double Stacking Banana Plug, Model 1296: BNC (Male) To Double Stacking Binding Post Jacks, Model
1452: Adapter-Binding Posts to BNC Receptacle, Model 3283: Adapter BNC Female to Female, Model 3533:
Adapter BNC Male To Male.


Similar Part No. - MODEL5510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
   7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
Revision: 10-Jul-07
More results

Similar Description - MODEL5510

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5510 POMONA-5510 Datasheet
28Kb / 2P
   BNC To Banana Plug and Binding Post Adapter Kit
2894 POMONA-2894 Datasheet
24Kb / 1P
   Binding Post To Single Banana Plug
3430 POMONA-3430 Datasheet
25Kb / 1P
   Adapter - Binding Post To BNC Male
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
   Adapter ??Binding Post To BNC Male
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
   Adapter-BNC Male to Double Binding Post
logo
Pomona Electronics
1469 POMONA-1469 Datasheet
34Kb / 1P
   Adapter - Binding Post To BNC Male, Four Terminal Isolation
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
   Adapter ??Binding Post To BNC Male, Four Terminal Isolation
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
logo
NTE Electronics
81-BP1R NTE-81-BP1R Datasheet
1Mb / 4P
   Binding Post with 4mm Banana Socket
logo
3M Electronics
5165-0 3M-5165-0 Datasheet
26Kb / 1P
   Encapsulated Double Banana Plug Shorting Bar With Binding Post
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com