Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBH32N300 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBH32N300
Description  Preliminary Technical Information
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH32N300 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBH32N300 Datasheet HTML 1Page - IXYS Corporation IXBH32N300 Datasheet HTML 2Page - IXYS Corporation IXBH32N300 Datasheet HTML 3Page - IXYS Corporation IXBH32N300 Datasheet HTML 4Page - IXYS Corporation IXBH32N300 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXBH32N300
IXBT32N300
Fig. 1. Output Characteristics
@ 25ºC
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCE - Volts
VGE = 25V
20V
15V
10V
5V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
1012
14
16
1820
VCE - Volts
VGE = 25V
10V
15V
5V
20V
Fig. 3. Output Characteristics
@ 125ºC
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCE - Volts
VGE = 25V
20V
15V
10V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 64A
I C = 32A
I C = 16A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5
7
9
11
13
15
17
19
21
23
25
VGE - Volts
I C = 64A
TJ = 25ºC
16A
32A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC
IXYS REF: B_32N300(8P)03-02-09


Similar Part No. - IXBH32N300

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH32N300HV IXYS-IXBH32N300HV Datasheet
309Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBH32N300

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com