Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710170 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 710170
Description  Base strip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

710170 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  710170 Datasheet HTML 1Page - PHOENIX CONTACT 710170 Datasheet HTML 2Page - PHOENIX CONTACT 710170 Datasheet HTML 3Page - PHOENIX CONTACT 710170 Datasheet HTML 4Page - PHOENIX CONTACT 710170 Datasheet HTML 5Page - PHOENIX CONTACT 710170 Datasheet HTML 6Page - PHOENIX CONTACT 710170 Datasheet HTML 7Page - PHOENIX CONTACT 710170 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0710170
14.05.2013   Page 1 / 8
Base strip - DFK-MSTB 2,5/ 2-GF-5,08 - 0710170
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 2, Pitch: 5.08 mm,
Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
The figure shows a 10-position
version of the product
Product Features
 Outside: plug-in connection for corresponding MSTB 2,5 or FKC 2,5 plugs
 Can be fixed in housing panels up to 6 mm thick using two M3 x 10 screws
 Headers for assembly in a device/housing panel
 Inside: solder or 2.8 mm slip-on plug-in connection that can be combined
 
Key commercial data
Packing unit
1 PCE
Minimum order quantity
50 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
5.08 mm
Number of positions
2
Technical data
Range of articles
DFK-MSTB 2,5/..-GF
Insulating material group
I


Similar Part No. - 710170

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7101 GILWAY-7101 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7101 COTO-7101 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7101 CK-COMPONENTS-7101 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results

Similar Description - 710170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753796 PHOENIX-1753796 Datasheet
88Kb / 5P
   Base strip - MSTBV 2,5/20-G
1776702 PHOENIX-1776702 Datasheet
105Kb / 7P
   Base strip - MSTB 2,5/ 3-GF
1776715 PHOENIX-1776715 Datasheet
107Kb / 7P
   Base strip - MSTB 2,5/ 4-GF
1776906 PHOENIX-1776906 Datasheet
106Kb / 7P
   Base strip - MSTBV 2,5/ 4-GF
1766084 PHOENIX-1766084 Datasheet
78Kb / 5P
   Base strip - GMSTB 2,5/ 9-G
1846865 PHOENIX-1846865 Datasheet
127Kb / 7P
   Base strip - MDSTBW 2,5/ 7-G
1762994 PHOENIX-1762994 Datasheet
77Kb / 4P
   Base strip - MDSTBV 2,5/17-G1
1900235 PHOENIX-1900235 Datasheet
112Kb / 4P
   Base strip - EMSTB 2,5/18-GF
1900028 PHOENIX-1900028 Datasheet
72Kb / 3P
   Base strip - EMSTBA 2,5/20-G
1900060 PHOENIX-1900060 Datasheet
72Kb / 3P
   Base strip - EMSTBA 2,5/24-G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com