Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100YXF10MEFC6.3X11 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 100YXF10MEFC6.3X11
Description  105??Long Life. Low impedance.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100YXF10MEFC6.3X11 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  100YXF10MEFC6.3X11 Datasheet HTML 1Page - RUBYCON CORPORATION 100YXF10MEFC6.3X11 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
100
220
330
470
1000
2200
3300
4700
6800
10000
47
100
220
330
470
1000
2200
3300
4700
6800
33
47
100
220
330
470
1000
2200
3300
4700
33
47
100
220
330
470
1000
2200
3300
5×11
6.3×11
6.3×11
8×11.5
10×12.5
12.5×20
12.5×20
16×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
18×35.5
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
10×12.5
10×16
10×20
12.5×25
16×31.5
18×35.5
150
250
250
400
580
1300
1300
1850
1850
2000
2200
150
250
400
400
770
1300
1650
1850
2000
2200
150
250
400
400
580
1050
1650
1850
2000
2200
150
150
250
400
580
770
1300
1850
2000
2200
150
250
400
580
770
1050
1650
2000
2200
0.90
0.40
0.40
0.25
0.16
0.062
0.062
0.034
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.12
0.062
0.048
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.16
0.078
0.048
0.034
0.029
0.025
0.90
0.90
0.40
0.25
0.16
0.12
0.062
0.034
0.029
0.025
0.90
0.40
0.25
0.16
0.12
0.078
0.048
0.029
0.025
3.6
1.6
1.6
1.0
0.65
0.21
0.21
0.096
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.46
0.21
0.16
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.65
0.30
0.16
0.096
0.087
0.058
3.6
3.6
1.6
1.0
0.65
0.46
0.21
0.096
0.087
0.058
3.6
1.6
1.0
0.65
0.46
0.30
0.16
0.087
0.058
Rated
Voltage
(V・DC)
capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
10
22
33
47
100
220
330
470
1000
1
2.2
3.3
4.7
10
22
33
47
100
220
330
5×11
5×11
5×11
5×11
5×11
5×11
6.3×11
6.3×11
8×11.5
10×16
10×20
12.5×20
16×25
18×35.5
5×11
6.3×11
6.3×11
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
5×11
5×11
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×25
30
43
53
88
100
150
250
250
400
770
1050
1300
1850
2200
87
140
140
210
300
520
660
750
1390
20
30
40
65
140
160
230
290
430
900
900
4.0
2.5
2.2
1.9
1.5
0.90
0.40
0.40
0.25
0.12
0.078
0.062
0.034
0.025
2.3
1.3
1.2
0.63
0.43
0.21
0.16
0.12
0.054
4.5
3.0
2.7
2.5
1.2
0.63
0.43
0.31
0.16
0.073
0.073
8.0
6.0
5.6
5.0
4.0
3.6
1.6
1.6
1.0
0.46
0.30
0.21
0.096
0.058
9.3
5.2
5.0
2.8
1.8
0.84
0.64
0.45
0.20
15.0
13.0
11.0
10.0
5.0
2.8
1.8
1.5
0.64
0.27
0.27
50
(1H)
63
(1J)
100
(2A)


Similar Part No. - 100YXF10MEFC6.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100YXF10M63X11 RUBYCON-100YXF10M63X11 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100YXF10MEFC6.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF330MEFC16X25 RUBYCON-100YXF330MEFC16X25 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF1000MEFC16X25 RUBYCON-50YXF1000MEFC16X25 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF2200MEFC18X35.5 RUBYCON-50YXF2200MEFC18X35.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com