Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8VDDT3264AG-40BC4 Datasheet(PDF) 4 Page - Micron Technology

Part # MT8VDDT3264AG-40BC4
Description  256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8VDDT3264AG-40BC4 Datasheet(HTML) 4 Page - Micron Technology

  MT8VDDT3264AG-40BC4 Datasheet HTML 1Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 2Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 3Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 4Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 5Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 6Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 7Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 8Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PDF: 09005aef80867ab3/Source: 09005aef80867a99
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DD8C32_64x64A.fm - Rev. J 8/08 EN
4
©2003 Micron Technology, Inc. All rights reserved.
256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Pin Assignments and Descriptions
Table 6:
Pin Descriptions
Symbol
Type
Description
A0–A12
Input
(SSTL_18)
Address inputs: Provide the row address for ACTIVE commands, and the
column address and auto precharge bit (A10) for READ/WRITE commands, to
select one location out of the memory array in the respective device bank. A10
sampled during a PRECHARGE command determines whether the PRECHARGE
applies to one device bank (A10 LOW, device bank selected by BA0, BA1) or all
device banks (A10 HIGH). The address inputs also provide the op-code during
a MODE REGISTER SET command. BA0, BA1 define which mode register (mode
register or extended mode register) is loaded during the LOAD MODE
REGISTER command.
BA0, BA1
Input
(SSTL_18)
Bank address: BA0, BA1 define to which device bank an ACTIVE, READ,
WRITE, or PRECHARGE command is being applied.
CK0, CK0#,
CK1, CK1#,
CK2, CK2#
Input
(SSTL_18)
Clock: CK and CK# are differential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK and the
negative edge of CK#. Output data (DQ and DQS) is referenced to the
crossings of CK and CK#.
CKE0
Input
(SSTL_18)
Clock enable: CKE (registered HIGH) activates and CKE (registered LOW)
deactivates the internal clock, input buffers, and output drivers.
DM0–DM7
Input
(SSTL_18)
Input data mask: DM is an input mask signal for write data. Input data is
masked when DM is sampled HIGH, along with that input data, during a write
access. DM is sampled on both edges of DQS. Although DM pins are input-
only, the DM loading is designed to match that of DQ and DQS pins.
RAS#, CAS#, WE#
Input
(SSTL_18)
Command inputs: RAS#, CAS#, and WE# (along with S#) define the
command being entered.
S0#
Input
(SSTL_18)
Chip selects: S# enables (registered LOW) and disables (registered HIGH) the
command decoder.
SA0–SA2
Input
(SSTL_18)
Presence-detect address inputs: These pins are used to configure the
presence-detect device.
SCL
Input
(SSTL_18)
Serial clock for presence-detect: SCL is used to synchronize the presence-
detect data transfer to and from the module.
DQ0–DQ63
I/O
(SSTL_18)
Data input/output: Data bus.
DQS0–DQS7
I/O
(SSTL_18)
Data strobe: Output with read data, input with write data. DQS is edge-
aligned with read data, center-aligned with write data. Used to capture data.
SDA
I/O
(SSTL_18)
Serial presence-detect data: SDA is a bidirectional pin used to transfer
addresses and data into and out of the presence-detect portion of the
module.
VDD/VDDQ
Supply
Power supply: +2.5V ±0.2V (-40B: +2.6V ±0.1V)
VDDSPD
Supply
Serial EEPROM positive power supply: +2.3V to +3.6V.
VREF
Supply
SSTL_2 reference voltage (VDD/2).
VSS
Supply
Ground.
DNU
Do not use: These pins are not connected on these modules, but are assigned
on other modules in this product family.
NC
No connect: These pins are not connected on the module.


Similar Part No. - MT8VDDT3264AG-40BC4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
More results

Similar Description - MT8VDDT3264AG-40BC4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MTA8ATF1G64AZ MICRON-MTA8ATF1G64AZ Datasheet
500Kb / 27P
   8GB (x64, SR) 288-Pin DDR4 UDIMM
3/21
logo
Elpida Memory
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
logo
Micron Technology
MT5VDDT3272AG MICRON-MT5VDDT3272AG Datasheet
216Kb / 12P
   DDR SDRAM UDIMM
MT16HTF25664AY-667E1 MICRON-MT16HTF25664AY-667E1 Datasheet
460Kb / 24P
   512MB, 1GB, 2GB, 4GB (x64, DR) 240-Pin DDR2 UDIMM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com