Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5418-7 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 5418-7
Description  Model 5418 With Assembly Instructions Do-It-Yourself Minipincer짰 Test Clip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5418-7 Datasheet(HTML) 2 Page - Pomona Electronics

  5418-7 Datasheet HTML 1Page - Pomona Electronics 5418-7 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
12/20/07
www.pomonaelectronics.com
D1094317
Rev. 103
Page 2 of 2
Model 5418 With Assembly Instructions
Do-It-Yourself Minipincer® Test Clip
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FIGURE #1
A. Remove the cap from housing assembly, the contact will now be exposed.
B. Insert the wire into the cap assembly allowing approximately 1 to 2 inches of wire to extend beyond the cap.
C. Strip wire 1/8 to 3/16 inches.
D. Insert exposed conductor through the hold in the contact and solder to surface.
FIGURE #2
E. Important: Solder must not extend beyond the indicated width.
FIGURE #3
F. Install the cap onto the housing assembly. Align the contact with the slots located on the cap.


Similar Part No. - 5418-7

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5418-0 POMONA-5418-0 Datasheet
79Kb / 2P
   Minipincer Test Clip
5418-2 POMONA-5418-2 Datasheet
79Kb / 2P
   Minipincer Test Clip
More results

Similar Description - 5418-7

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4555 POMONA-4555 Datasheet
182Kb / 1P
   Do-It-Yourself Minigrabber Test Clip
3925 POMONA-3925 Datasheet
22Kb / 1P
   Do-It-Yourself Minigrabber Test Clip
5432 POMONA-5432 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe & Kit
5243 POMONA-5243 Datasheet
19Kb / 1P
   Do-It-Yourself SMD Grabber Test Clips
logo
3M Electronics
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
5432-2 3M-5432-2 Datasheet
22Kb / 2P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
5170 POMONA-5170 Datasheet
22Kb / 1P
   Do-It-Yourself In-Line Banana Plug With Flexible Boot
logo
3M Electronics
5936-0 3M-5936-0 Datasheet
35Kb / 1P
   Do-It Yourself Solder Type 2mm Banana Plug
logo
Pomona Electronics
5167 POMONA-5167 Datasheet
22Kb / 1P
   Do-It-Yourself In-Line Banana Jack With Flexible Boot
logo
3M Electronics
5167-2 3M-5167-2 Datasheet
24Kb / 2P
   Do-It-Yourself In-Line Banana Jack With Flexible Boot
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com