Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPF10-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 60EPF10-M3
Description  Fast Soft Recovery Rectifier Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF10-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  60EPF10-M3 Datasheet HTML 1Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 2Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 3Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 4Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 5Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 6Page - Vishay Siliconix 60EPF10-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VS-60.PF1.PbF Series, VS-60.PF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
6
Document Number: 93721
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-60EPF10PbF
25
500
Antistatic plastic tubes
VS-60EPF10-M3
25
500
Antistatic plastic tubes
VS-60APF10PbF
25
500
Antistatic plastic tubes
VS-60APF10-M3
25
500
Antistatic plastic tubes
VS-60EPF12PbF
25
500
Antistatic plastic tubes
VS-60EPF12-M3
25
500
Antistatic plastic tubes
VS-60APF12PbF
25
500
Antistatic plastic tubes
VS-60APF12-M3
25
500
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
TO-247AC modified
www.vishay.com/doc?95253
TO-247AC
www.vishay.com/doc?95223
Part marking information
TO-247AC modified PbF
www.vishay.com/doc?95255
TO-247AC modified -M3
www.vishay.com/doc?95442
TO-247AC PbF
www.vishay.com/doc?95226
TO-247AC -M3
www.vishay.com/doc?95007
2
-
Current rating (60 = 60 A)
1
-
Vishay Semiconductors product
3
-
Circuit configuration:
E = Single diode
A = Single diode, 3 pins
4
-
Package:
P = TO-247AC/TO-247AC modified
5
-
Type of silicon:
F = Fast recovery
6
-
Voltage code x 100 = VRRM
-
Environmental digit:
7
PbF = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
10 = 1000 V
12 = 1200 V
Device code
5
1
3
2
4
6
7
60
VS-
E
P
F
12
PbF


Similar Part No. - 60EPF10-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF10 IRF-60EPF10 Datasheet
217Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
More results

Similar Description - 60EPF10-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
18-Jul-08
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com