Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR431F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZR431F
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431F Datasheet(HTML) 3 Page - Diodes Incorporated

  ZR431F Datasheet HTML 1Page - Diodes Incorporated ZR431F Datasheet HTML 2Page - Diodes Incorporated ZR431F Datasheet HTML 3Page - Diodes Incorporated ZR431F Datasheet HTML 4Page - Diodes Incorporated ZR431F Datasheet HTML 5Page - Diodes Incorporated ZR431F Datasheet HTML 6Page - Diodes Incorporated ZR431F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZR431
TYPICAL CHARACTERISTICS
Cathode Current v Temperature
Dynamic Impedance v Frequency
Frequency (Hz)
100
10
1.0
0.1
100
1k
10k
100k
1M

Temperature (°C)

24
-40
0
20
40
60
-20
80
26
28
30
32
34
36
38
Vref=VZ
Reference Current v Temperature
Temperature (°C)
100
-40
0
20
40
60
-20
80
110
120
130
140
150
160
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
-40
0
20
40
60
-20
80
Reference Voltage v Temperature
Temperature (°C)
IZ=10mA
Vref=VZ
IZ=10mA
Change in Vref v Cathode Voltage
Cathode Voltage (V)
0
-25
510
15
20
-20
-15
-10
-5
0
IZ=10mA
Vref=VZ
10mA
1mA
SOT223
SO8/TO92
SOT23
4-191
78


Similar Part No. - ZR431F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431F ZETEX-ZR431F Datasheet
147Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431F DIODES-ZR431F Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431F005 ZETEX-ZR431F005 Datasheet
147Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431F005 DIODES-ZR431F005 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005-7 DIODES-ZR431F005-7 Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZR431F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com