Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 1N4148
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4148 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1N4148 Datasheet HTML 1Page - Fairchild Semiconductor 1N4148 Datasheet HTML 2Page - Fairchild Semiconductor 1N4148 Datasheet HTML 3Page - Fairchild Semiconductor 1N4148 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics (continued)
Small Signal Diode
(continued)
0
50
100
150
0
100
200
300
400
500
I
F(AV) - AVERA
GE RE
CTIFIE
D CU
RRENT
- mA
Ambient Temperature (
o
C)
02
46
8
10
12
14
0.75
0.80
0.85
0.90
T
A = 25
o
C
REVERSE VOLTAGE (V)
0.6
0.8
1.0
1.2
1.4
1.6
10
20
30
50
100
200
300
500
800
Ta= 25
o
C
Forward Current, I
F [mA]
Figure 5. Forward Voltage vs Forward Current
VF - 10 to 800 mA
0.01
0.1
1
10
300
400
500
600
700
800
900
3
0.3
0.03
Typical
Ta= -40
o
C
Ta= 25
o
C
Ta= +65
o
C
Forward Current, I
F [mA]
Figure 6. Forward Voltage
vs Ambient Temperature
VF - 0.01 - 20 mA (-40 to +65 Deg C)
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 25
o
C
Reverse Recovery Current, I
rr [m A]
Figure 8. Reverse Recovery Time vs
Reverse Recovery Current
0
50
100
150
200
0
100
200
300
400
500
DO-35
SOT-23
Temperature [
o
C]
Figure 10. Power Derating Curve
Figure 7. Total Capacitance
IF = 10mA - IRR = 1.0 mA - Rloop = 100 Ohms
Figure 9. Average Rectified Current (I
F(AV))
versus Ambient Temperature (T
A)


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Diodes Incorporated
1N4148 DIODES-1N4148 Datasheet
57Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. B-2
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com