Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356QET5TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLD1356QET5TA
Description  60V 550mA LED DRIVER and AUTOMOTIVE GRADE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QET5TA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXLD1356QET5TA Datasheet HTML 3Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 4Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 5Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 6Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 7Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 8Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 9Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 10Page - Diodes Incorporated ZXLD1356QET5TA Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ZXLD1356/ ZXLD1356Q
Document number: DS33470 Rev. 4 - 2
7 of 29
www.diodes.com
October 2012
© Diodes Incorporated
ZXLD1356/ ZXLD1356Q
A Product Line of
Diodes Incorporated
Device Description (cont.)
Adjusting Output Current
The device contains a low pass filter between the ADJ pin and the threshold comparator and an internal current limiting resistor (50k
Ω nom)
between ADJ and the internal reference voltage. This allows the ADJ pin to be overdriven with either DC or pulse signals to change the VSENSE
switching threshold and adjust the output current.
Details of the different modes of adjusting output current are given in the applications section.
Output Shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit falls below the threshold
(0.2V nom.), the
internal regulator and the output switch are turned off. The voltage reference remains powered during shutdown to provide the bias current for
the shutdown circuit. Quiescent supply current during shutdown is nominally 60µA and switch leakage is below 5µA.


Similar Part No. - ZXLD1356QET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356QET5TA DIODES-ZXLD1356QET5TA Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
More results

Similar Description - ZXLD1356QET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
   AUTOMOTIVE GRADE 60V 550mA LED DRIVER
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
   60V 550mA LED DRIVER with AEC-Q100
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
   High accuracy 550mA, 60V LED driver with internal switch
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
   AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
   AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
   60V Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com