Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1B1MPGEA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1B1MPGEA
Description  16/32-Bit RISC Flash Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1B1MPGEA Datasheet(HTML) 1 Page - Texas Instruments

  TMS470R1B1MPGEA Datasheet HTML 1Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 2Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 3Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 4Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 5Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 6Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 7Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 8Page - Texas Instruments TMS470R1B1MPGEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
www.ti.com
FEATURES
TMS470R1B1M
16/32-Bit RISC Flash Microcontroller
SPNS109A – SEPTEMBER 2005 – REVISED AUGUST 2006
Twelve Communication Interfaces:
High-Performance Static CMOS Technology
– Two Serial Peripheral Interfaces (SPIs)
TMS470R1x 16/32-Bit RISC Core
– 255 Programmable Baud Rates
(ARM7TDMI™)
– Three Serial Communication Interfaces
– 60-MHz System Clock (Pipeline Mode)
(SCIs)
– Independent 16/32-Bit Instruction Set
• 224 Selectable Baud Rates
– Open Architecture With Third-Party Support
• Asynchronous/Isosynchronous Modes
– Built-In Debug Module
– Two High-End CAN Controllers (HECC)
Integrated Memory
• 32-Mailbox Capacity
– 1M-Byte Program Flash
• Fully Compliant With CAN Protocol,
Version 2.0B
• Two Banks With 16 Contiguous Sectors
– Five Inter-Integrated Circuit (I2C) Modules
– 64K-Byte Static RAM (SRAM)
• Multi-Master and Slave Interfaces
– Memory Security Module (MSM)
• Up to 400 Kbps (Fast Mode)
– JTAG Security Module
• 7- and 10-Bit Address Capability
Operating Features
High-End Timer Lite (HET)
– Low-Power Modes: STANDBY and HALT
– 12 Programmable I/O Channels:
– Industrial Temperature Range
• 12 High-Resolution Pins
470+ System Module
– High-Resolution Share Feature (XOR)
– 32-Bit Address Space Decoding
– High-End Timer RAM
– Bus Supervision for Memory/Peripherals
• 64-Instruction Capacity
– Digital Watchdog (DWD) Timer
External Clock Prescale (ECP) Module
– Analog Watchdog (AWD) Timer
– Programmable Low-Frequency External
– Enhanced Real-Time Interrupt (RTI)
Clock (CLK)
– Interrupt Expansion Module (IEM)
12-Channel, 10-Bit Multi-Buffered ADC
– System Integrity and Failure Detection
(MibADC)
– ICE Breaker
– 64-Word FIFO Buffer
Direct Memory Access (DMA) Controller
– Single- or Continuous-Conversion Modes
– 32 Control Packets and 16 Channels
– 1.55 µs Minimum Sample and Conversion
Zero-Pin Phase-Locked Loop (ZPLL)-Based
Time
Clock Module With Prescaler
– Calibration Mode and Self-Test Features
– Multiply-by-4 or -8 Internal ZPLL Option
Flexible Interrupt Handling
– ZPLL Bypass Mode
Expansion Bus Module (EBM)
– Supports 8- and 16-Bit Expansion Bus
Memory Interface Mappings
– 42 I/O Expansion Bus Pins
46 Dedicated General-Purpose I/O (GIO) Pins
and 47 Additional Peripheral I/Os
Sixteen External Interrupts
On-Chip Scan-Base Emulation Logic, IEEE
Standard 1149.1(1) (JTAG) Test-Access Port
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ARM7TDMI is a trademark of Advanced RISC Machines Limited (ARM).
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS470R1B1MPGEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1B1MPGEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com