Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1200S Datasheet(PDF) 1 Page - Littelfuse

Part # K1200S
Description  High-voltage lamp ignitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K1200S Datasheet(HTML) 1 Page - Littelfuse

  K1200S Datasheet HTML 1Page - Littelfuse K1200S Datasheet HTML 2Page - Littelfuse K1200S Datasheet HTML 3Page - Littelfuse K1200S Datasheet HTML 4Page - Littelfuse K1200S Datasheet HTML 5Page - Littelfuse K1200S Datasheet HTML 6Page - Littelfuse K1200S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2004 Littelfuse, Inc.
E9 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+ 1 972-580-7777
Sidac
(79 V to 330 V)
E9
General Description
The sidac is a silicon bilateral voltage triggered switch with
greater power-handling capabilities than standard diacs. Upon
application of a voltage exceeding the sidac breakover voltage
point, the sidac switches on through a negative resistance region
to a low on-state voltage. Conduction continues until the current
is interrupted or drops below the minimum holding current of the
device.
Teccor’s sidacs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding harsh
environments.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
R
oHS
Applications
High-voltage lamp ignitors
Natural gas ignitors
Gas oil ignitors
High-voltage power supplies
•Xenon ignitors
Overvoltage protector
Pulse generators
Fluorescent lighting ignitors
HID lighting ignitors
Features
•RoHS Compliant
AC circuit oriented
Glass-passivated junctions
High surge current capability
E9
TO-92
Type 70
DO-214
Surface Mount
TO-202
DO-15X


Similar Part No. - K1200S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1200S TECCOR-K1200S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1200S TECCOR-K1200S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1200S1URP LITTELFUSE-K1200S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K1200S70AP LITTELFUSE-K1200S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1200S70RP LITTELFUSE-K1200S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K1200S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K0900 LEIDITECH-K0900 Datasheet
644Kb / 6P
   High voltage lamp ignitors
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com