Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V18MLA1210N Datasheet(PDF) 4 Page - Littelfuse

Part # V18MLA1210N
Description  Surface Mount Multilayer Varistors (MLVs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MLA1210N Datasheet(HTML) 4 Page - Littelfuse

  V18MLA1210N Datasheet HTML 1Page - Littelfuse V18MLA1210N Datasheet HTML 2Page - Littelfuse V18MLA1210N Datasheet HTML 3Page - Littelfuse V18MLA1210N Datasheet HTML 4Page - Littelfuse V18MLA1210N Datasheet HTML 5Page - Littelfuse V18MLA1210N Datasheet HTML 6Page - Littelfuse V18MLA1210N Datasheet HTML 7Page - Littelfuse V18MLA1210N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Limit V-I Characteristic for V3.5MLA1206 to V68MLA1206
Limit V-I Characteristic for V3.5MLA0805 to V26MLA0805
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
V5.5MLA0805
V3.5MLA0805
V14MLA0805
V18MLA0805
V26MLA0805
Current (A)
Limit V-I Characteristic for V18MLA1210 to V120MLA1210
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
Current (A)
V68MLA1206
V56MLA1206
V42MLA1206
V33MLA1206
V26MLA1206
V18MLA1206
V14MLA1206
V5.5MLA1206
V3.5MLA1206
1mA
10μA
100μA
CURRENT (A)
10mA
100mA
1A
10A
100A
1000A
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
V60MLA1210
V85MLA1210
V120MLA1210
V48MLA1210, V48MLA1210L
V30MLA1210, V30MLA1210L
V26MLA1210
V18MLA1210
100
10
1000
1
Figure 7
Figure 8
Figure 9


Similar Part No. - V18MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V18MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V30MLA0603H LITTELFUSE-V30MLA0603H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V56MLA1206H LITTELFUSE-V56MLA1206H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA020133NR LITTELFUSE-V5.5MLA020133NR Datasheet
380Kb / 3P
   Surface Mount Multilayer Varistors (MLVs)
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N_10 Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0603LNR LITTELFUSE-V5.5MLA0603LNR Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03N LITTELFUSE-V0402MHS03N_10 Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805LH LITTELFUSE-V14MLA0805LH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03NR LITTELFUSE-V0402MHS03NR Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V18MLE0805A LITTELFUSE-V18MLE0805A Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) MLE Series
V18AUMLA1812H LITTELFUSE-V18AUMLA1812H Datasheet
666Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com