Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP612SQ15T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP612SQ15T2G
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70-5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ15T2G Datasheet(HTML) 8 Page - ON Semiconductor

  NCP612SQ15T2G Datasheet HTML 1Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 2Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 3Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 4Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 5Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 6Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 7Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 8Page - ON Semiconductor NCP612SQ15T2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP612, NCV612
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP612SQ15T1G
1.5
LHO
SC70−5
(Pb−Free)
3000 Units/Tape & Reel
NCP612SQ15T2G
NCP612SQ18T1G
1.8
LHP
NCP612SQ18T2G
NCP612SQ25T1G
2.5
LHQ
NCP612SQ25T2G
NCP612SQ27T1G
2.7
LHR
NCP612SQ27T2G
NCP612SQ28T1G
2.8
LHS
NCP612SQ28T2G
NCP612SQ30T1G
3.0
LHT
NCP612SQ30T2G
NCP612SQ31T1G
3.1
LHU
NCP612SQ31T2G
NCP612SQ33T1G
3.3
LHV
NCP612SQ33T2G
NCP612SQ37T1G
3.7
LKH
NCP612SQ37T2G
NCP612SQ50T1G
5.0
LHW
NCP612SQ50T2G
NCV612SQ15T1G*
1.5
LHO
NCV612SQ15T2G*
NCV612SQ18T1G*
1.8
LHP
NCV612SQ18T2G*
NCV612SQ25T1G*
2.5
LHQ
NCV612SQ25T2G*
NCV612SQ27T1G*
2.7
LHR
NCV612SQ27T2G*
NCV612SQ28T1G*
2.8
LHS
NCV612SQ28T2G*
NCV612SQ30T1G*
3.0
LHT
NCV612SQ30T2G*
NCV612SQ31T1G*
3.1
LHU
NCV612SQ31T2G*
NCV612SQ33T1G*
3.3
LHV
NCV612SQ33T2G*
NCV612SQ50T1G*
5.0
LHW
NCV612SQ50T2G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NCP612SQ15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ15T2G ONSEMI-NCP612SQ15T2G Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
More results

Similar Description - NCP612SQ15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com