Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252BDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1252BDR2G
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252BDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1252BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 4
1
Publication Order Number:
NCP1252/D
NCP1252
Current Mode PWM
Controller for Forward and
Flyback Applications
The NCP1252 controller offers everything needed to build cost−
effective and reliable ac−dc switching supplies dedicated to ATX
power supplies. Thanks to the use of an internally fixed timer,
NCP1252 detects an output overload without relying on the auxiliary
Vcc. A Brown−Out input offers protection against low input voltages
and improves the converter safety. Finally a SOIC8 package saves
PCB space and represents a solution of choice in cost sensitive project.
Features
Peak Current Mode Control
Adjustable Switching Frequency up to 500 kHz
Jittering Frequency ±5% of the Switching Frequency
Latched Primary Over Current Protection with 10 ms Fixed Delay
Delayed Operation Upon Start−up via an Internal Fixed Timer
Adjustable Soft−start Timer
Auto−recovery Brown−Out Detection
UC384X−like UVLO Thresholds
Vcc Range from 9 V to 28 V with Auto−recovery UVLO
Internal 160 ns Leading Edge Blanking
Adjustable Internal Ramp Compensation
+500 mA / –800 mA Source / Sink Capability
Maximum 50% Duty Cycle: A Version
Maximum 80% Duty Cycle: B Version
Maximum 65% Duty Cycle: C Version
Ready for Updated No Load Regulation Specifications
SOIC−8 and PDIP−8 Packages
These are Pb−Free Devices
Typical Applications
Power Supplies for PC Silver Boxes, Games Adapter...
Flyback and Forward Converter
SOIC−8
CASE 751
SUFFIX D
PIN CONNECTIONS
MARKING DIAGRAMS
(Top View)
OFFLINE CONTROLLER
http://onsemi.com
1
8
x
= A, B or C Version
A
= Assembly Location
L, WL = Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
1252x
ALYWX
G
1
8
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SS
VCC
DRV
GND
FB
BO
CS
RT
1
PDIP−8
CASE 626
SUFFIX P
1252AP
AWL
YYWWG


Similar Part No. - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
259Kb / 17P
   Flyback Applications
April, 2009 ??Rev. 1
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com