Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252APG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1252APG
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252APG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1252APG Datasheet HTML 2Page - ON Semiconductor NCP1252APG Datasheet HTML 3Page - ON Semiconductor NCP1252APG Datasheet HTML 4Page - ON Semiconductor NCP1252APG Datasheet HTML 5Page - ON Semiconductor NCP1252APG Datasheet HTML 6Page - ON Semiconductor NCP1252APG Datasheet HTML 7Page - ON Semiconductor NCP1252APG Datasheet HTML 8Page - ON Semiconductor NCP1252APG Datasheet HTML 9Page - ON Semiconductor NCP1252APG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1252
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 5. Start−up Current (ICC1) vs. Junction
Temperature
Figure 6. Supply Current (ICC3) vs. Junction
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
0
10
20
30
40
50
100
80
60
40
20
0
−20
−40
0
1
2
3
4
5
Figure 7. Supply Current (ICC3) vs. Supply
Voltage
Figure 8. Current Sense Voltage Threshold vs.
Junction Temperature
SUPPLY VOLTAGE Vcc (V)
TEMPERATURE (°C)
30
25
20
15
10
0
1
2
3
4
120
80
60
40
20
0
−20
−40
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.08
Figure 9. Leading Edge Blanking Time vs.
Junction Temperature
Figure 10. Leading Edge Blanking Time vs.
Supply Voltage
TEMPERATURE (°C)
SUPPLY VOLTAGE Vcc (V)
100
80
60
40
20
0
−20
−40
0
50
100
150
200
250
300
30
25
20
15
10
0
50
100
150
200
250
300
120
120
100
1.02
120


Similar Part No. - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252APG ONSEMI-NCP1252APG Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252APG ONSEMI-NCP1252APG Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com