Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3170ADR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3170ADR2G
Description  Synchronous PWM Switching Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3170ADR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3170ADR2G Datasheet HTML 5Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 6Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 7Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 8Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 9Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 10Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 11Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 12Page - ON Semiconductor NCP3170ADR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
NCP3170
http://onsemi.com
9
NCP3170B Efficiency and Thermal Derating
Figure 24. 12 V, 1 MHz Efficiency
Figure 25. 5 V, 1 MHz Efficiency
0
10
20
30
40
50
60
70
80
90
100
12 V, 1 MHz
Efficiency
01
23
OUTPUT CURRENT (A)
Vo = 1.2 V
Vo = 1.8 V
Vo = 3.3 V
Vo = 5 V
0
10
20
30
40
50
60
70
80
90
100
01
23
OUTPUT CURRENT (A)
5 V, 1 MHz
Efficiency
Vo = 3.3 V
Vo = 1.8 V
Vo = 1.2 V
Thermal derating curves for the SOIC−8 package part under typical input and output conditions based on the evaluation board.
The ambient temperature is 25
°C with natural convection (air speed < 50 LFM) unless otherwise specified.
Figure 26. 1 MHz Derating Curves at 5 V Input
Figure 27. 1 MHz Derating Curves at 12 V Input
0
1
2
3
4
5
25
35
45
55
65
75
85
1.2 V,
1.8 V
3.3 V
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
0
1
2
3
4
5
25
35
45
55
65
75
85
1.2 V,
1.8 V
3.3 V
5.0 V


Similar Part No. - NCP3170ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
More results

Similar Description - NCP3170ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170 ONSEMI-NCP3170_14 Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
NCP3125 ONSEMI-NCP3125 Datasheet
325Kb / 22P
   4 A Synchronous PWM Switching Converter
April, 2010 ??Rev. 1
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
   3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
   2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
Analog Intergrations Co...
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
   3A 23V Synchronous PWM Step-Down Converter
AIC2802 AIC-AIC2802 Datasheet
198Kb / 6P
   3A 23V Synchronous PWM Step-Down Converter
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
   2A 23V Synchronous PWM Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com