Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP431AVDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP431AVDR2G
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP431AVDR2G Datasheet HTML 1Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 2Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 3Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 4Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 5Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 6Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 7Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 8Page - ON Semiconductor NCP431AVDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP431A, SC431A, NCP431B, NCP432B Series
http://onsemi.com
5
Input
V KA
Vref
Figure 3. Test Circuit for VKA = Vref
IK
R2
R1
Figure 4. Test Circuit for VKA > Vref
Input
VKA
Iref
Vref
IK
Input
V KA
Ioff
Figure 5. Test Circuit for Ioff
VKA + Vref 1 )
R1
R2
) Iref @ R1
Figure 6. Cathode Current versus Cathode
Voltage
Figure 7. Cathode Current versus Cathode
Voltage
−1.0
0.0
1.0
2.0
3.0
−100.0
−50.0
0.0
50.0
100.0
150.0
Input
VKA
IK
VKA = Vref
TA = 25°C
VKA, CATHODE VOLTAGE (V)
−60.0
−40.0
−20.0
0.0
20.0
40.0
60.0
−1.0
0.0
1.0
2.0
3.0
VKA, CATHODE VOLTAGE (V)
Input
VKA
IK
VKA = Vref
TA = 25°C
IMin
Figure 8. Minimum Cathode Current Regulation
versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
80.00
70.00
60.00
50.00
40.00
30.00
20.00
10.00
0.00
−50
125
100
75
−25
0
25
50


Similar Part No. - NCP431AVDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431AVDR2G ONSEMI-NCP431AVDR2G Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
More results

Similar Description - NCP431AVDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com