Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1351BPG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1351BPG
Description  Variable Off Time PWM Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1351BPG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1351BPG Datasheet HTML 5Page - ON Semiconductor NCP1351BPG Datasheet HTML 6Page - ON Semiconductor NCP1351BPG Datasheet HTML 7Page - ON Semiconductor NCP1351BPG Datasheet HTML 8Page - ON Semiconductor NCP1351BPG Datasheet HTML 9Page - ON Semiconductor NCP1351BPG Datasheet HTML 10Page - ON Semiconductor NCP1351BPG Datasheet HTML 11Page - ON Semiconductor NCP1351BPG Datasheet HTML 12Page - ON Semiconductor NCP1351BPG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
NCP1351
http://onsemi.com
9
The NCP1351 implements a fixed peak current mode
technique whose regulation scheme implements a variable
switching frequency. As shown on the typical application
diagram, the controller is designed to operate with a
minimum number of external components. It incorporates
the following features:
Frequency Foldback: Since the switching period
increases when power demand decreases, the switching
frequency naturally diminishes in light load conditions.
This helps to minimize switching losses and offers
good standby power performance.
Very Low Startup Current: The patented internal
supply block is specially designed to offer a very low
current consumption during startup. It allows the use of
a very high value external startup resistor, greatly
reducing dissipation, improving efficiency and
minimizing standby power consumption.
Natural Frequency Dithering: The quasi-fixed tON
mode of operation improves the EMI signature since
the switching frequency varies with the natural bulk
ripple voltage.
Peak Current Compression: As the load becomes
lighter, the frequency decreases and can enter the
audible range. To avoid exciting transformer
mechanical resonances, hence generating acoustic
noise, the NCP1351 includes a patented technique,
which reduces the peak current as power goes down. As
such, inexpensive transformer can be used without
having noise problems.
Negative Primary Current Sensing: By sensing the
total current, this technique does not modify the
MOSFET driving voltage (VGS) while switching.
Furthermore, the programming resistor, together with
the pin capacitance, forms a residual noise filter which
blanks spurious spikes.
Programmable Primary Current Sense: It offers a
second peak current adjustment variable, which
improves the design flexibility.
Extended VCC Range: By accepting VCC levels up to
28 V, the device offers added flexibility in presence of
loosely coupled transformers. The gate drive is safely
clamped below 20 V to avoid stressing the driven
MOSFET.
Easy OPP: Connecting a resistor from the CS pin to
the auxiliary winding allows easy bulk voltage
compensation.
Secondary or Primary Regulation: The feedback
loop arrangement allows simple secondary or primary
side regulation without significant additional external
components.
Latch Input: If voltage on Pin 7 is externally brought
above 5 V, the controller permanently latches off and
stays latched until the user cycles VCC down, below 4
V typically.
Fault Timer: In presence of badly coupled transformer,
it can be quite difficult to detect an overload or a
short-circuit on the primary side. When the feedback
current disappears, a current source charges a capacitor
connected to Pin 8. When the voltage on this pin
reaches a certain level, all pulses are shut off and the
VCC voltage is pulled down below the VCC(min) level.
This protection is latched on the A version (the
controller must be shut down and restart to resume
normal operation), and auto-recovery on Version B (if
the fault goes away, the controller automatically
resumes operation).
Dual Trip Point: in some applications, such as printer
power supplies, it is necessary to let the power supply
deliver more power on a transient event. If the event
lasts longer than what the fault timer authorizes, then
the NCP1351 either latches-off (C Version) or enters an
auto-recovery mode (D Version). The level at which
the timer starts is internally set to 55% of the maximum
power capability.


Similar Part No. - NCP1351BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1351BDR2G ONSEMI-NCP1351BDR2G Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
More results

Similar Description - NCP1351BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1351 ONSEMI-NCP1351 Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
EVHFC0300HS-00A MPS-EVHFC0300HS-00A Datasheet
348Kb / 12P
   Variable Off Time Controller EV Board
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
   Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
Silicon Mitus, Inc.
SM1251 SILICONMITUS-SM1251 Datasheet
161Kb / 1P
   PWM Buck Controller with Fixed-off Time Switching Mode
Februay 2018 Rev. 0.0.0
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215 ONSEMI-NCP1215 Datasheet
148Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
October, 2004 ??Rev. 2
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com