Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT75DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCT75DR2G
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT75DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCT75DR2G Datasheet HTML 5Page - ON Semiconductor NCT75DR2G Datasheet HTML 6Page - ON Semiconductor NCT75DR2G Datasheet HTML 7Page - ON Semiconductor NCT75DR2G Datasheet HTML 8Page - ON Semiconductor NCT75DR2G Datasheet HTML 9Page - ON Semiconductor NCT75DR2G Datasheet HTML 10Page - ON Semiconductor NCT75DR2G Datasheet HTML 11Page - ON Semiconductor NCT75DR2G Datasheet HTML 12Page - ON Semiconductor NCT75DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCT75
http://onsemi.com
9
FRAME 1
SERIAL BUS ADDRESS BYTE
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
11
99
STOP BY
MASTER
ACK. BY
NCT75
ACK. BY
NCT75
Figure 5. Writing to the Address Pointer Register
R/W
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 3
DATA BYTE
ACK. BY
NCT75
STOP BY
MASTER
SDA (CONTINUED)
SCL (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
NCT75
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
ACK. BY
NCT75
11
99
19
Figure 6. Writing a Register Address to the Address Pointer Register, then
Writing a Single Byte of Data to the Configuration Register
R/W
D15 D14 D13 D12 D11 D10 D9
D8
FRAME 3
DATA BYTE
ACK. BY
NCT75
(CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
NCT75
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
ACK. BY
NCT75
11
99
19
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 4
DATA BYTE
ACK. BY
NCT75
STOP BY
MASTER
19
Figure 7. Writing to the Address Pointer Register Followed by
Two Bytes of Data to a 16 Bit Limit Register
SCL
(CONTINUED)
SDA
R/W
FRAME 1
SERIAL BUS ADDRESS BYTE
SDA
SCL
START BY
MASTER
FRAME 2
DATA BYTE FROM REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A3
A2
A1
A0
11
99
STOP BY
MASTER
ACK. BY
NCT75
NO ACK. BY
MASTER
Figure 8. Reading Data from the Configuration Register
R/W


Similar Part No. - NCT75DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
144Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
More results

Similar Description - NCT75DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT75 ONSEMI-NCT75 Datasheet
144Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
   Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com