Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF11N50ZH Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDF11N50ZH
Description  N-Channel Power MOSFET 500 V, 0.52 Ohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF11N50ZH Datasheet(HTML) 1 Page - ON Semiconductor

  NDF11N50ZH Datasheet HTML 1Page - ON Semiconductor NDF11N50ZH Datasheet HTML 2Page - ON Semiconductor NDF11N50ZH Datasheet HTML 3Page - ON Semiconductor NDF11N50ZH Datasheet HTML 4Page - ON Semiconductor NDF11N50ZH Datasheet HTML 5Page - ON Semiconductor NDF11N50ZH Datasheet HTML 6Page - ON Semiconductor NDF11N50ZH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 4
1
Publication Order Number:
NDF11N50Z/D
NDF11N50Z
N-Channel Power MOSFET
500 V, 0.52 W
Features
Low ON Resistance
Low Gate Charge
ESD Diode−Protected Gate
100% Avalanche Tested
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
NDF
Unit
Drain−to−Source Voltage
VDSS
500
V
Continuous Drain Current, RqJC (Note 1)
ID
12
A
Continuous Drain Current
TA = 100°C, RqJC (Note 1)
ID
7.4
A
Pulsed Drain Current,
tP = 10 ms
IDM
44
A
Power Dissipation, RqJC
PD
39
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche
Energy, ID = 10 A
EAS
420
mJ
ESD (HBM) (JESD22−A114)
Vesd
4000
V
RMS Isolation Voltage
(t = 0.3 sec., R.H. ≤ 30%,
TA = 25°C) (Figure 14)
VISO
4500
V
Peak Diode Recovery (Note 2)
dv/dt
4.5
V/ns
Continuous Source Current (Body
Diode)
IS
12
A
Maximum Temperature for
Soldering Leads
TL
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Limited by maximum junction temperature
2. Id ≤ 10.5 A, di/dt ≤ 200 A/ms, VDD ≤ BVDSS, TJ ≤ 150°C.
N−Channel
MARKING
DIAGRAM
A
= Location Code
Y
= Year
WW
= Work Week
G, H
= Pb−Free, Halogen−Free Package
http://onsemi.com
VDSS
RDS(ON) (MAX) @ 4.5 A
500 V
0.52 W
NDF11N50ZG
or
NDF11N50ZH
AYWW
Gate
Source
Drain
NDF11N50ZG
TO−220FP
CASE 221D
NDF11N50ZH
TO−220FP
CASE 221AH
G (1)
D (2)
S (3)
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NDF11N50ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
86Kb / 7P
   N-Channel Power MOSFET
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com