Electronic Components Datasheet Search |
|
NCP5661MN28T2G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCP5661MN28T2G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 12 page Semiconductor Components Industries, LLC, 2013 May, 2013 − Rev. 17 1 Publication Order Number: NCP5661/D NCP5661, NCV5661 Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable The NCP5661/NCV5661 is a high performance, low dropout linear regulator designed for high power applications that require up to 1.0 A current. It is offered in both fixed and adjustable output versions. With output voltages as low as 0.9 V and ultra−fast response times for load transients, the NCP5661/NCV5661 also provides additional features such as Enable and Error Flag (for the fixed output version), increasing the utility of these devices. A thermally robust, 5 pin DPAK or DFN 3x3.3 mm, combined with an architecture that offers low ground current (independent of load), provides for a superior high−current LDO solution. Features Ultra−Fast Transient Response (Settling Time: 1−3 ms) Low Noise Without Bypass Capacitor (26 mVrms) Low Ground Current Independent of Load (3.0 mA Maximum) Fixed/Adjustable Output Voltage Versions Enable Function Error Flag (Fixed Output Version) Current Limit Protection Thermal Protection 0.9 V Reference Voltage for Ultra−Low Output Operation Power Supply Rejection Ratio > 65 dB NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable These are Pb−Free Devices Applications Servers ASIC Power Supplies Post Regulation for Power Supplies Constant Current Source Networking Equipment Gaming and STB Modules DPAK−5 CENTER LEAD CROP CASE 175AA 1 5 MARKING DIAGRAMS http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. ORDERING INFORMATION 5661xG ALYWW x = A for Adjustable Version B for Fixed 1.2 V C for Fixed 3.3 V D for Fixed 1.5 V E for Fixed 1.8 V F for Fixed 2.5 V G for Fixed 2.8 V H for Fixed 3.0 V 1 DFN6 MN SUFFIX CASE 506AX 661x AYWWG G 1 V5661xG ALYWW V661 zzz AYWWG G 1 NCP5661 NCV5661 NCP5661 NCV5661 A = Assembly Location L = Wafer Lot Y = Year WW = Work Week G = Pb−Free G = Pb−Free Package zzz = 12 for Fixed 1.2 V 15 for Fixed 1.5 V 18 for Fixed 1.8 V 25 for Fixed 2.5 V 28 for Fixed 2.8 V 30 for Fixed 3.0 V 33 for Fixed 3.3 V ADJ for Adjustable Version (Note: Microdot may be in either location) |
Similar Part No. - NCP5661MN28T2G |
|
Similar Description - NCP5661MN28T2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |