Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1117DT18T5G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1117DT18T5G
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117DT18T5G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1117DT18T5G Datasheet HTML 6Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 7Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 8Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 9Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 10Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 11Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 12Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 13Page - ON Semiconductor NCP1117DT18T5G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
10
Protection Diodes
The NCP1117 family has two internal low impedance
diode paths that normally do not require protection when
used in the typical regulator applications. The first path
connects between Vout and Vin, and it can withstand a peak
surge current of about 15 A. Normal cycling of Vin cannot
generate a current surge of this magnitude. Only when Vin
is shorted or crowbarred to ground and Cout is greater than
50
mF, it becomes possible for device damage to occur.
Under these conditions, diode D1 is required to protect the
device. The second path connects between Cadjand Vout, and
it can withstand a peak surge current of about 150 mA.
Protection diode D2 is required if the output is shorted or
crowbarred to ground and Cadj is greater than 1.0 mF.
Figure 25. Protection Diode Placement
1
2
Output
3
Input
NCP1117
XTA
++
Cout
Cin
R2
+
Cadj
R1
1N4001
D1
D2
1N4001
A combination of protection diodes D1 and D2 may be
required in the event that Vin is shorted to ground and Cadj
is greater than 50
mF. The peak current capability stated for
the internal diodes are for a time of 100
ms with a junction
temperature of 25C. These values may vary and are to be
used as a general guide.
Load Regulation
The NCP1117 series is capable of providing excellent
load regulation; but since these are three terminal devices,
only partial remote load sensing is possible. There are two
conditions that must be met to achieve the maximum
available load regulation performance. The first is that the
top side of programming resistor R1 should be connected as
close to the regulator case as practicable. This will minimize
the voltage drop caused by wiring resistance RW + from
appearing in series with reference voltage that is across R1.
The second condition is that the ground end of R2 should be
connected directly to the load. This allows true Kelvin
sensing where the regulator compensates for the voltage
drop caused by wiring resistance RW −.
Figure 26. Load Sensing
1
2
Output
3
Input
NCP1117
XTA
+
+
Cout
Cin
R1
Remote
Load
RW+
RW−
R2
Thermal Considerations
This series contains an internal thermal limiting circuit
that is designed to protect the regulator in the event that the
maximum junction temperature is exceeded. When
activated, typically at 175C, the regulator output switches
off and then back on as the die cools. As a result, if the device
is continuously operated in an overheated condition, the
output will appear to be oscillating. This feature provides
protection from a catastrophic device failure due to
accidental overheating. It is not intended to be used as a
substitute for proper heatsinking. The maximum device
power dissipation can be calculated by:
PD +
TJ(max) * TA
RqJA
The devices are available in surface mount SOT−223 and
DPAK packages. Each package has an exposed metal tab
that is specifically designed to reduce the junction to air
thermal resistance, RqJA, by utilizing the printed circuit
board copper as a heat dissipater. Figures 21 and 22 show
typical RqJA values that can be obtained from a square
pattern using economical single sided 2.0 ounce copper
board material. The final product thermal limits should be
tested and quantified in order to insure acceptable
performance and reliability. The actual RqJA can vary
considerably from the graphs shown. This will be due to any
changes made in the copper aspect ratio of the final layout,
adjacent heat sources, and air flow.


Similar Part No. - NCP1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117DT18T5G ONSEMI-NCP1117DT18T5G Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117DT18T5G ONSEMI-NCP1117DT18T5G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117DT18T5G ONSEMI-NCP1117DT18T5G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117DT18T5G ONSEMI-NCP1117DT18T5G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCP1117DT18T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com