Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1117DT20G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1117DT20G
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117DT20G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1117DT20G Datasheet HTML 1Page - ON Semiconductor NCP1117DT20G Datasheet HTML 2Page - ON Semiconductor NCP1117DT20G Datasheet HTML 3Page - ON Semiconductor NCP1117DT20G Datasheet HTML 4Page - ON Semiconductor NCP1117DT20G Datasheet HTML 5Page - ON Semiconductor NCP1117DT20G Datasheet HTML 6Page - ON Semiconductor NCP1117DT20G Datasheet HTML 7Page - ON Semiconductor NCP1117DT20G Datasheet HTML 8Page - ON Semiconductor NCP1117DT20G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
(Cin = 10 mF, Cout = 10 mF, for typical value TA = 25C, for min and max values TA is the operating ambient temperature range that applies
unless otherwise noted.) (Note 4)
Characteristic
Unit
Max
Typ
Min
Symbol
Quiescent Current
1.5 V (Vin = 11.5 V)
1.8 V (Vin = 11.8 V)
1.9 V (Vin = 11.9 V)
2.0 V (Vin = 12 V)
2.5 V (Vin = 10 V)
2.85 V (Vin = 10 V)
3.3 V (Vin = 15 V)
5.0 V (Vin = 15 V)
12 V
(Vin = 20 V)
IQ
3.6
4.2
4.3
4.5
5.2
5.5
6.0
6.0
6.0
10
10
10
10
10
10
10
10
10
mA
Thermal Regulation (TA = 25C, 30 ms Pulse)
0.01
0.1
%/W
Ripple Rejection (Vin−Vout = 6.4 V, Iout = 500 mA, 10 Vpp 120 Hz Sinewave)
Adjustable
1.5 V
1.8 V
1.9 V
2.0 V
2.5 V
2.85 V
3.3 V
5.0 V
12 V
RR
67
66
66
66
64
62
62
60
57
50
73
72
70
72
70
68
68
64
61
54
dB
Adjustment Pin Current (Vin = 11.25 V, Iout = 800 mA)
Iadj
52
120
mA
Adjust Pin Current Change
(Vin−Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA)
DIadj
0.4
5.0
mA
Temperature Stability
ST
0.5
%
Long Term Stability (TA = 25C, 1000 Hrs End Point Measurement)
St
0.3
%
RMS Output Noise (f = 10 Hz to 10 kHz)
N
0.003
%Vout
4. NCP1117: Tlow = 0C , Thigh = 125C
NCV1117: Tlow = −40C, Thigh = 125C
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.


Similar Part No. - NCP1117DT20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117DT20G ONSEMI-NCP1117DT20G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117DT20G ONSEMI-NCP1117DT20G Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117DT20G ONSEMI-NCP1117DT20G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCP1117DT20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com