Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSL219BT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSL219BT
Description  Pb-free Reflow Soldering Application, Built-in ESD Protection Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSL219BT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSL219BT Datasheet HTML 1Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 2Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 3Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 4Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 5Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 6Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 7Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 8Page - NICHIA CORPORATION NVSL219BT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NICHIA STS-DA1-2009E <Cat.No.120828>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
M2
3.4
3.6
M1
3.2
3.4
L2
3.0
3.2
Forward Voltage
L1
IF=700mA
2.8
3.0
V
D260
260
280
D240
240
260
D220
220
240
D200
200
220
Luminous Flux
D180
IF=700mA
180
200
lm
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
IF=700mA
0
-
-
Color Ranks
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
Rank sw45
x
0.3515
0.3548
0.3736
0.3670
y
0.3487
0.3736
0.3874
0.3578
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NVSL219BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NVSL219BT NICHIA-NVSL219BT Datasheet
360Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NVSL219BT NICHIA-NVSL219BT_13 Datasheet
360Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NVSL219BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFSL757DT NICHIA-NFSL757DT Datasheet
319Kb / 20P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NFSW757DT NICHIA-NFSW757DT Datasheet
339Kb / 22P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NF2W757DRT NICHIA-NF2W757DRT Datasheet
339Kb / 22P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NSSW157BT NICHIA-NSSW157BT Datasheet
270Kb / 17P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NVSL119BT NICHIA-NVSL119BT Datasheet
339Kb / 20P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NF2L757DRT NICHIA-NF2L757DRT Datasheet
319Kb / 20P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NVSW219BT NICHIA-NVSW219BT Datasheet
354Kb / 21P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NVSW119BT NICHIA-NVSW119BT Datasheet
355Kb / 21P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com