Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SURHD8560W1T4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SURHD8560W1T4G
Description  Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SURHD8560W1T4G Datasheet(HTML) 1 Page - ON Semiconductor

  SURHD8560W1T4G Datasheet HTML 1Page - ON Semiconductor SURHD8560W1T4G Datasheet HTML 2Page - ON Semiconductor SURHD8560W1T4G Datasheet HTML 3Page - ON Semiconductor SURHD8560W1T4G Datasheet HTML 4Page - ON Semiconductor SURHD8560W1T4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 7
1
Publication Order Number:
MURHD560/D
MURHD560T4G,
SURHD8560T4G,
MURHD560W1T4G,
SURHD8560W1T4G
Power Rectifier
Features and Benefits
Ultrafast 30 Nanosecond Recovery Times
175C Operating Junction Temperature
High Temperature Glass Passivated Junction
High Voltage Capability to 600 Volts
AEC−Q101 Qualified and PPAP Capable
SURHD8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These are Pb−Free Devices*
Applications
Power Supplies
Inverters
Free Wheeling Diodes
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 0.4 g (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260C Max. for 10 Seconds
ESD Ratings:
Machine Model = C (> 400 V)
Human Body Model = 3B (> 8000 V)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MURHD560T4G
DPAK
(Pb−Free)
DPAK
CASE 369C
STYLES 3, 8
2,500 /
Tape & Reel
ULTRAFAST RECTIFIER
5.0 AMPERES
600 VOLTS
4
MARKING DIAGRAMS
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
UH560 = MURHD560T4
560W1 = MURHD560W1T4
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
AYWW
UH560G
1
3
MURHD560W1T4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel
AYWW
560W1G
STYLE 3
STYLE 8
4
1
3
STYLE 3
STYLE 8
SURHD8560T4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel
SURHD8560W1T4G
DPAK
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - SURHD8560W1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
83Kb / 5P
   Power Rectifier
November, 2016 ??Rev. 9
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
217Kb / 6P
   600 V, 5 A Power Rectifier
June, 2017 - Rev. 10
More results

Similar Description - SURHD8560W1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
   POWER RECTIFIER
logo
ON Semiconductor
MBRJ30L45CTG ONSEMI-MBRJ30L45CTG Datasheet
106Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MUR10120E ONSEMI-MUR10120E Datasheet
130Kb / 4P
   Power Rectifier
September, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com