Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8006 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin Configuration & Marking Information
3
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
Top View
5mm*5mm QFN
X: Internal Code
A: Assembly Code
T: Testing Code
Y: Year
WW: Week
LL: Internal Code
www.poweranalog.com
03/2011 Rev1.0
1
2
3
4
5
6
7
8
RINN
RINP
AVDD
NC
NC
LINP
LINN
11
12
13
14
15
16
17
18
COSC
NC
VCLAMP
19
20
21
22
23
24
25
26
27
28
29
AVCC
V2P5
AGND
SD
30
31
32
9
10
PAM8006
XATYWWLL
MUTE
NC
Top View
TSSOP-28PP (Exposed Pad)
BSRN
ROUTN
PVCCR
PGNDR
RINN
AVDD
MUTE
LINP
LINN
PGNDL
PVCCL
PVCCL
PGNDL
COSC
AVCC
V2P5
AGND
VCLAMP
PGNDR
PVCCR
ROUTP
BSRP
21
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
22
23
24
25
26
27
28
RINP
LOUTN
BSLN
BSLP
LOUTP
13
14
15
16
SD


Similar Part No. - PAM8006

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
logo
Power Analog Micoelectr...
PAM8006ATR PAM-PAM8006ATR Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006ATR DIODES-PAM8006ATR Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
More results

Similar Description - PAM8006

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
YAMAHA CORPORATION
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
logo
Monolithic Power System...
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
   10W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com