Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006HR Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8006HR
Description  10W Stereo Class-D Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006HR Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8006HR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 12Page - Power Analog Micoelectronics PAM8006HR Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
Application Information
Power and Heat Dissipation
Choose speakers that are able to stand large
output power from the PAM8006. Otherwise,
speaker may suffer damage.
In operation, some of power is dissipated to the
resistors.
The PAM8006’
s efficiency is 90% with 10W ouput
and 8
load. The dissipation power is 2.22W.
Thermal resistance of junction to ambient of the
QFN package is 18.1°C/W and the junction
temperature Tj=P
* jA+Ta, where Ta is ambient
temperature. If the ambient temperature is 85°C,
the QFN’
s junction temperature
Tj=2.22*18.1+85=125°C
w h i c h is l o w e r t h a n 1 5 0 °C r a t e d j u n c t i o n
temperature.
If the rated workable junction temperature is
1 5 0 °C , t h e r e l a t i o n s h i p b e t w e e n a m b i e n t
temperature and permitted P
is shown in below
diagram.
From the diagram, it can be found that when the
device works at 10W/8
load the dissipation
power is 1.1W per channel, 2.2W total, the
permitted ambient temperature is over 100°C.
This is proven by actual test. The PAM8006 can
work in full output power under 85°C ambient
temperature.
Ω
θ
Ω
loss
loss
Heat dissipation is very important when the
device works in full power operation. Two factors
affect the heat dissipation, the efficiency of the
device that determines the dissipation power, and
the thermal resistance of the package that
determines the heat dissipation capability.
Power Dissipation: P
=(Po*(1-
2
loss
η)/ η)*
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
Ta
Notes
1. The Audio Precision(AP) AUX-0025 low pass filter is necessary for class-D amplifier measurement
with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for effic iency
measurement.
Test Setup for Performance Testing
(AP) System
Generator
PAM8006 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System
Analyzer
GND
-OUT
VDD
Power Supply
03/2011 Rev1.0
Audio Precision


Similar Part No. - PAM8006HR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
logo
Power Analog Micoelectr...
PAM8006ATR PAM-PAM8006ATR Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006ATR DIODES-PAM8006ATR Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
More results

Similar Description - PAM8006HR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
YAMAHA CORPORATION
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
logo
Monolithic Power System...
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
   10W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com