Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8007 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8007 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Typical Operating Characteristics(T =25°C)
A
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
9. Power Dissipation vs Output Power
7. Frequency Response
8. Noise Floor
12. Efficiency vs Output Power
Speaker
11. Efficiency vs Output Power
10. Power Dissipation vs Output Power
+10
+30
+12
+14
+16
+18
+20
+22
+24
+26
+28
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Cin=2.2uF
Cin=1uF
Cin=0.47uF
Cin=0.1uF
-120
-50
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
50
100
150
200
250
300
350
400
450
0
500
1000
1500
2000
2500
3000
3500
Output Power(mW)
RL=4
Ω
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
Output Power(mW)
RL=8
Ω
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
3500
O ut put Power (mW )
RL=4
Ω
VDD=5V
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
Output Power(mW)
RL=8
Ω
VDD=5V
01/2012 Rev1.2


Similar Part No. - PAM8007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007DHR DIODES-PAM8007DHR Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007NHR DIODES-PAM8007NHR Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
More results

Similar Description - PAM8007

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
   ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
   3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
Eutech Microelectronics...
EUA2075 EUTECH-EUA2075 Datasheet
795Kb / 1P
   2.8W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com