Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12LF1501-E-MC Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12LF1501-E-MC
Description  8-Pin Flash, 8-Bit Microcontrollers
Download  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501-E-MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12LF1501-E-MC Datasheet HTML 7Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 8Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 9Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 10Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 11Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 12Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 13Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 14Page - Microchip Technology PIC12LF1501-E-MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 279 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41615A-page 11
PIC12(L)F1501
TABLE 1-2:
PIC12(L)F1501 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/DACOUT1/
CWG1B(1)/CLC2IN1/PWM2/
ICSPDAT
RA0
TTL
CMOS General purpose I/O.
AN0
AN
A/D Channel input.
C1IN+
AN
Comparator positive input.
DACOUT1
AN
Digital-to-Analog Converter output.
CWG1B
CMOS CWG complementary output.
CLC2IN1
ST
Configurable Logic Cell source input.
PWM2
CMOS Pulse Width Module source output.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/AN1/VREF+/C1IN0-/
NCO1(1)/CLC2IN0/ICSPCLK
RA1
TTL
CMOS General purpose I/O.
AN1
AN
A/D Channel input.
VREF+
AN
A/D Positive Voltage Reference input.
C1IN0-
AN
Comparator negative input.
NCO1
CMOS Numerically Controlled Oscillator output.
CLC2IN0
ST
Configurable Logic Cell source input.
ICSPCLK
ST
ICSP™ Programming Clock.
RA2/AN2/C1OUT/DACOUT2/
T0CKI/INT/PWM1/CLC1(1)/
CWG1A(1)/CWG1FLT
RA2
ST
CMOS General purpose I/O.
AN2
AN
A/D Channel input.
C1OUT
CMOS Comparator output.
DACOUT2
AN
Digital-to-Analog Converter output.
T0CKI
ST
Timer0 clock input.
INT
ST
External interrupt.
PWM1
CMOS Pulse Width Module source output.
CLC1
CMOS Configurable Logic Cell source output.
CWG1A
CMOS CWG complementary output.
CWG1FLT
ST
Complementary Waveform Generator Fault input.
RA3/CLC1IN0/VPP/T1G(2)/MCLR
RA3
TTL
General purpose input.
CLC1IN0
ST
Configurable Logic Cell source input.
VPP
HV
Programming voltage.
T1G
ST
Timer1 Gate input.
MCLR
ST
Master Clear with internal pull-up.
RA4/AN3/C1IN1-/CWG1B(2)/
CLC1(2)/PWM3/CLKOUT/T1G(1)
RA4
TTL
CMOS General purpose I/O.
AN3
AN
A/D Channel input.
C1IN1-
AN
Comparator negative input.
CWG1B
CMOS CWG complementary output.
CLC1
CMOS Configurable Logic Cell source output.
PWM3
CMOS Pulse Width Module source output.
CLKOUT
CMOS FOSC/4 output.
T1G
ST
Timer1 Gate input.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.


Similar Part No. - PIC12LF1501-E-MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
   8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC12LF1501T-EMCQTP MICROCHIP-PIC12LF1501T-EMCQTP Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1501T-EMCSQTP MICROCHIP-PIC12LF1501T-EMCSQTP Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1501T-EMFQTP MICROCHIP-PIC12LF1501T-EMFQTP Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC12LF1501-E-MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
   8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com