Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8615 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8615
Description  16W/32W Stereo Class-D Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8615 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8615 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8615 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
Shutdown Operation
Internal Bias Generator Capacitor Selection
Power Supply Decoupling, CS
Selection of ROSC
BST_A and BST_B Capacitors
VCLAMP Capacitors
Internal Regulated 5-V Supply (AVDD)
The PAM8615 employs a shutdown operation
mode to reduce supply current to the absolute
minimum level during periods of non-use to save
power. The SD input terminal should be pull high
during normal operation when the amplifier is in
use. Pulling SD low causes the outputs to mute
and the amplifier to enter a low-current state. SD
should never be left unconnected to prevent the
amplifier from unpredictable operation.
For the best power-off pop performance, the
amplifier should be set in shutdown mode prior to
removing the power supply voltage.
The internal bias generator (VCM) provides the
internal bias for the preamplifier stage. The
e xt e r n a l in p u t ca p a cit o r s a n d t h is in t e r n a l
reference allow the inputs to be biased within the
o p t i m a l c o m m o n - m o d e r a n g e o f t h e i n p u t
preamplifiers.
The selection of the capacitor value on the VCM
terminal is critical for achieving the best device
performance. During startup or recovery from
shutdown state, the VCM capacitor determines
the rate at which the am plifier starts up. The
startup time is not critical for the best de-pop
performance since any heard pop sound is the
result of the class-D output switching-on other
than that of the startup time. However, at least a
0.47µF capacitor is recommended for the VCM
capacitor.
Another function of the VCM capacitor is to
bypass high frequency noise on the internal bias
generator.
The PAM8615 is a high-performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output total harmonic
distortion (THD) as low as possible. Power supply
decoupling also prevents oscillations caused by
long lead between the amplifier and the speaker.
The optimum decoupling is achieved by using two
capacitors of different types that target different
types of noise on the power supply leads. For
higher frequency transients, spikes, or digital
hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically
0.1µF, is recommended, placing as close as
possible to the device's PVCC lead. To filter
l o w e r - f r e q u e n c y n o i s e s , a l a r g e a l u m i n u m
electrolytic capacitor of 470µF or greater is
recommended, placing near the audio power
amplifier. The 10µF capacitor also serves as a
local storage capacitor for supplying current
during large signal transients on the amplifier
outputs.
The switching frequency is determined by the
values of components connected to ROSC (pin
19) and calculated with the following equation:
The recommended values is
323 kHz.
The half H-bridge output stages use NMOS
transistors only. They therefore require bootstrap
capacitors for the high side of each output to turn
on correctly. An at least 220nF ceramic capacitor,
rated for at least 25V, must be connected from
each output to its corresponding bootstrap input.
Sp ecif ica lly, on e 22 0 nF cap a cito r m us t b e
connected from OUT_A to BST_A, and another
220nF capacitor from OUT_B to BST_B. It is
recommended to
replace 220nF for lower than 100Hz applications.
To ensure that the maximum gate-to-source
voltage for the NMOS output transistors not
exceeded, two internal regulators are used to
clamp the gate voltage. A 1µF capacitors must be
connected from VCLAMP to ground and must be
rated for at least 25V. The voltages at the
VCLAMP terminals vary with VCC and may not be
used to power any other circuitry.
The AVDD terminal is the output of an internally-
generated 5V supply, used for the oscillator,
preamplifier, and volume control circuitry. It
requires a 0.1µF to 1µF capacitor, placed very
close to the pin to Ground to keep the regulator
stable. The regulator may not be used to power
any external circuitry.
ROSC=100k
Ω for a
switching frequency of
use 1
μF BST capacitor to
PAM8615
16W/32W Stereo Class-D Audio Power Amplifier
02/2012 Rev1.1
pF
R
f
OSC
osc
21
68
.
0
=


Similar Part No. - PAM8615

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
   16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - PAM8615

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
   16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com