Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB1 Datasheet(PDF) 8 Page - TDK Electronics

Part # CGB1
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGB1 Datasheet(HTML) 8 Page - TDK Electronics

  CGB1 Datasheet HTML 1Page - TDK Electronics CGB1 Datasheet HTML 2Page - TDK Electronics CGB1 Datasheet HTML 3Page - TDK Electronics CGB1 Datasheet HTML 4Page - TDK Electronics CGB1 Datasheet HTML 5Page - TDK Electronics CGB1 Datasheet HTML 6Page - TDK Electronics CGB1 Datasheet HTML 7Page - TDK Electronics CGB1 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
1 F
1608
0.55 max.
± 10%
CGB3B1X7R1A105K055AC CGB3B3X7R0J105K055AB
± 20%
CGB3B1X7R1A105M055AC CGB3B3X7R0J105M055AB
2.2 F
2012
0.55 max.
± 10%
CGB4B1X7R1A225K055AC CGB4B3X7R0J225K055AB
± 20%
CGB4B1X7R1A225M055AC CGB4B3X7R0J225M055AB
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
470 nF
1005
0.33 max.
± 10%
CGB2A1X7S0G474K033BC
± 20%
CGB2A1X7S0G474M033BC
1 F
1005
0.33 max.
± 10%
CGB2A1X7S0J105K033BC CGB2A1X7S0G105K033BC
± 20%
CGB2A1X7S0J105M033BC CGB2A1X7S0G105M033BC
2.2 F
1608
0.55 max.
± 10%
CGB3B1X7S0G225K055AC
± 20%
CGB3B1X7S0G225M055AC
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
100nF
0603
0.22max.
±20%
CGB1T3X6S0G104M022BB
220nF
1005
0.22max.
±20%
CGB2T1X6S0G224M022BC
470nF
1005
0.22max.
±20%
CGB2T1X6S0G474M022BC
0.33max.
±10%
CGB2A1X6S1A474K033BC CGB2A3X6S0J474K033BB CGB2A1X6S0G474K033BB
±20%
CGB2A1X6S1A474M033BC CGB2A3X6S0J474M033BB CGB2A1X6S0G474M033BB
1F
1005
0.22max.
±20%
CGB2T1X6S0G105M022BC
0.33max.
±10%
CGB2A1X6S1A105K033BC CGB2A1X6S0J105K033BC CGB2A1X6S0G105K033BC
±20%
CGB2A1X6S1A105M033BC CGB2A1X6S0J105M033BC CGB2A1X6S0G105M033BC
1608
0.55max.
±10%
CGB3B1X6S1C105K055AC CGB3B3X6S1A105K055AB
±20%
CGB3B1X6S1C105M055AC CGB3B3X6S1A105M055AB
2.2F
1608
0.55max.
±10%
CGB3B1X6S1A225K055AC CGB3B3X6S0J225K055AB CGB3B3X6S0G225K055AB
±20%
CGB3B1X6S1A225M055AC CGB3B3X6S0J225M055AB CGB3B3X6S0G225M055AB
2012
0.55max.
±10%
CGB4B1X6S1C225K055AC CGB4B3X6S1A225K055AB CGB4B3X6S0J225K055AB
±20%
CGB4B1X6S1C225M055AC CGB4B3X6S1A225M055AB CGB4B3X6S0J225M055AB
4.7F
1608
0.55max.
±10%
CGB3B1X6S0G475K055AC
±20%
CGB3B1X6S0G475M055AC
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Page 7
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_lowprofile_en


Similar Part No. - CGB1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGB1T3X5R0J104M022BB TDK-CGB1T3X5R0J104M022BB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB1T3X6S0G104M022BB TDK-CGB1T3X6S0G104M022BB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
More results

Similar Description - CGB1

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com