Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3110BMB500R Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3110BMB500R
Description  1.5A Low Dropout Voltage CMOS Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110BMB500R Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3110BMB500R Datasheet HTML 1Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110BMB500R Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
3
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3110
Input Voltage...............................................6V
Storage Temperature
65
to 150
Maximum Junction Temperature
150
....................-
..................
Lead Soldering Temperature (5sec)........... 300
°
°
°
°
C
C
C
C
Supply Voltage Range.......................2.5V to 5.5V
°
°
°
Junction Temperature Range........-40
to 125
°
Ambient Temperature Range...........-40 C to 85 C
C
C
1.5A Low Dropout Voltage CMOS Regulator
Parameter
Symbol
Package
Maximum
Unit
SOT-223
7
Thermal Resistance (Junction to Case)
θJC
TO-252
7
SOT-223
160
Thermal Resistance (Junction to Ambient)
θ
JA
TO-252
90
°C/W
SOT-223
625
PD
TO-252
1200
mW
TO-263
7
TO-263
60
TO-263
2000
06/2011 Rev2.2
Internal Power Dissipation
@TA=25°C


Similar Part No. - PAM3110BMB500R

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA120 PAM-PAM3112AAA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA130 PAM-PAM3112AAA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA120 PAM-PAM3112ACA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA130 PAM-PAM3112ACA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
More results

Similar Description - PAM3110BMB500R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com