Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK762R6-40E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK762R6-40E
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK762R6-40E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK762R6-40E Datasheet HTML 3Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 4Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 5Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 6Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 7Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 8Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 9Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 10Page - NXP Semiconductors BUK762R6-40E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
BUK762R6-40E
N-channel TrenchMOS standard level FET
BUK762R6-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
13 July 2012
7 / 13
003aah112
0
100
200
300
400
0
2
4
6
8
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah028
10-6
10-5
10-4
10-3
10-2
10-1
0
2
4
6
VGS(V)
ID
(A)
max
typ
min
Fig. 9. Sub-threshold drain current as a function of
gate-source voltage
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 10. Gate-source threshold voltage as a function of
junction temperature
003aah115
0
2
4
6
8
10
0
100
200
300
400
ID(A)
RDSon
(mΩ)
8
VGS(V) = 20
10
6
5.5
5
Tj = 25 °C; tp = 300 μs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - BUK762R6-40E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK762R6-40E NEXPERIA-BUK762R6-40E Datasheet
720Kb / 13P
   N-channel TrenchMOS standard level FET
28 July 2016
logo
NXP Semiconductors
BUK762R6-40E PHILIPS-BUK762R6-40E_15 Datasheet
218Kb / 13P
   N-channel TrenchMOS standard level FET
13 July 2012
More results

Similar Description - BUK762R6-40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com