Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK969R3-100E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK969R3-100E
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK969R3-100E Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK969R3-100E Datasheet HTML 1Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 2Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 3Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 4Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 5Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 6Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 7Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 8Page - NXP Semiconductors BUK969R3-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BUK969R3-100E
N-channel TrenchMOS logic level FET
5 October 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Logic level N-channel MOSFET in a SOT404 package using TrenchMOS technology.
This product has been designed and qualified to AEC Q101 standard for use in high
performance automotive applications.
1.2 Features and benefits
AEC Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True logic level gate with Vgst(th) rating of greater than 0.5V at 175 °C
1.3 Applications
12V, 24V and 48V Automotive systems
Motors, lamps and solenoid control
Start-Stop micro-hybrid applications
Transmission control
Ultra high performance power switching
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
VGS = 5 V; Tmb = 25 °C; Fig. 1
-
-
100
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
263
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 5 V; ID = 25 A; Tj = 25 °C; Fig. 11
-
7.49
9.3
Dynamic characteristics
QGD
gate-drain charge
VGS = 5 V; ID = 25 A; VDS = 80 V;
Fig. 13; Fig. 14
-
34
-
nC


Similar Part No. - BUK969R3-100E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK969R3-100E NEXPERIA-BUK969R3-100E Datasheet
726Kb / 13P
   N-channel TrenchMOS logic level FET
26 May 2016
logo
NXP Semiconductors
BUK969R3-100E PHILIPS-BUK969R3-100E_15 Datasheet
219Kb / 13P
   N-channel TrenchMOS logic level FET
5 October 2012
More results

Similar Description - BUK969R3-100E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com