Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBR003D00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMBR003D00
Description  SMT Type SMB Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMBR003D00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMBR003D00 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBR003D00 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBR003D00 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBR003D00 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0156-3
2/3
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
General Specifications
•Characteristic Impedance: 50 ohm
•Operating Frequency: DC to 3GHz
•V.S.W.R.: 1.2 max.
•Rated Current: DC 2A
•Rated Voltage: AC100V.r.m.s
•Operating Temperature: -40 to+85 Deg. C
•Contact Resistance: Initial, 8mΩ max.
(Change after test, 12mΩ max.)
•Dielectric Withstanding Voltage:
AC 500 Vr.m.s (1 min.)
•Insulation Resistance:
500MΩ min. (DC500V)
Component
Material / Finish
Insulator
SPS resin
Signal Contact
(Central Conductor)
Phosphor bronze / Au plating over Ni
Outer Conductor
(Ground Contact)
Brass / Au plating over Ni
Connector Series
Connector configuration
R: Straight receptacle
Modification Code
Characteristic Impedance
D: 50Ω
SMB R *** D 00
Terminal Connection Type
00: Board connection type
Ordering Information
Technical Information
Part Number
SMB003D00
(with SMT area boss)
SMB004D00
(without SMT area boss)
SJ Drawing
SJ105033
SJ107482
Product Specification
JACS-2237-12
Receptacle (Board side)


Similar Part No. - SMBR003D00

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SMBR003D00 JAE-SMBR003D00 Datasheet
173Kb / 4P
   Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
More results

Similar Description - SMBR003D00

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
   SMB Type Coaxial Connector
logo
Adam Technologies, Inc.
RF3-13-T-02-50-G ADAM-TECH-RF3-13-T-02-50-G Datasheet
61Kb / 1P
   RF CONNECTOR TYPE SMB FEMALE
RF3-17-T-00-50-G ADAM-TECH-RF3-17-T-00-50-G Datasheet
87Kb / 1P
   RF CONNECTOR TYPE SMB FEMALE
logo
DDK Ltd.
27DP DDK-27DP Datasheet
256Kb / 9P
   SMB Type Connectors
PSC DDK-PSC Datasheet
199Kb / 3P
   SMB Connector
PSC-LP-1.5DW-CR1 DDK-PSC-LP-1.5DW-CR1 Datasheet
162Kb / 2P
   SMB Connector
logo
Adam Technologies, Inc.
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
   SMB CONNECTOR
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Adam Technologies, Inc.
MBC-J-2 ADAM-TECH-MBC-J-2 Datasheet
75Kb / 1P
   PITCH SPEAKER CONNECTOR SMT TYPE
RF3-03-T-02-50-G ADAM-TECH-RF3-03-T-02-50-G Datasheet
54Kb / 1P
   SMB RIGHT ANGLE CRIMP TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com