Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448 Datasheet(PDF) 1 Page - Rohm

Part # 1N4448
Description  Switching diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1N4448 Datasheet(HTML) 1 Page - Rohm

  1N4448 Datasheet HTML 1Page - Rohm 1N4448 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4531 / 1N4148 / 1N4150 / 1N4448
Diodes
Switching diode
1N4531 / 1N4148 / 1N4150 / 1N4448
∗This product is available only outside of Japan.
Application
High-speed switching
Features
1) Glass sealed envelope. (MSD, GSD)
2) High speed.
3) High reliability.
Construction
Silicon epitaxial planar
External dimensions (Units : mm)
φ 0.5±0.1
C
29
±1
29
±1
CATHODE BAND (BLACK)
3.8
±0.2
A
φ 1.8±0.2
Type No.
ROHM : GSD
EIAJ :
JEDEC : DO-35
φ 0.5±0.1
C
29
±1
29
±1
CATHODE BAND (BLACK)
2.7
±0.3
A
φ 1.8±0.2
Type No.
ROHM : MSD
EIAJ :
JEDEC : DO-34
1N4531
1N4148 / 1N4150 / 1N4448
Absolute maximum ratings (Ta = 25
°C)
Type
1N4148
100
−65~+200
−65~+200
(V)
VRM
75
(V)
VR
450
(mA)
IFM
150
(mA)
IO
200
(mA)
IF
2
(A)
1
µs
IFSM
500
(mW)
P
200
1N4531
100
−65~+200
−65~+200
75
450
150
200
2
500
200
1N4150
50
−65~+200
−65~+200
50
600
200
250
4
500
200
1N4448
100
−65~+200
−65~+200
75
450
150
200
2
500
200
(
°C)
Tj
(
°C)
Topr
(
°C)
Tstg
Electrical characteristics (Ta = 25
°C)
Type
0.1mA
1.0
0.66
0.62
0.74
0.76
0.86
0.82
0.92
1.0
0.87
1.0
0.54
0.62
0.72
@
0.25mA
@
1mA
@
2mA
@
5mA
@
10mA
@
20mA
@
30mA
@
50mA
@
100mA
@
200mA
@
250mA
@
5
µA
75
100
50.0
20
4
4
0.025
5.0
20
75
50
0.1
50
100.0
50
2.5
4
100
50.0
20
4
4
@
100
µA
@
@150
°C
VR (V)
@25
°C
VR (V)
trr (ns)
Cr (pF)
IR (
µA) Max.
BV (V) Min.
VF (V)
IF
=10mA
f
=1MHz
VR
=0
RL
=100Ω
VR
=6V
1N4148
1.0
75
100
50.0
20
4
4
0.025
5.0
20
75
1N4531
1N4150
1N4448
0.025
5.0
20
75
The upper figure is the minimum VF and the lower figure is the maximum VF value.


Similar Part No. - 1N4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Chongqing Pingwei Enter...
1N4448 CHONGQING-1N4448 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODES
logo
First Components Intern...
1N4448 FCI-1N4448 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1N4448

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com