Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1037AKT146Q Datasheet(PDF) 2 Page - Rohm

Part # 2SA1037AKT146Q
Description  General Purpose Transistor (??0V, ??.15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1037AKT146Q Datasheet(HTML) 2 Page - Rohm

  2SA1037AKT146Q Datasheet HTML 1Page - Rohm 2SA1037AKT146Q Datasheet HTML 2Page - Rohm 2SA1037AKT146Q Datasheet HTML 3Page - Rohm 2SA1037AKT146Q Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.C
Data Sheet
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−60
V
V
V
A (DC)
˚C
˚C
−50
−6
−0.15
W
0.2
0.15
2SA1037AK, 2SA1576A
2SA2029, 2SA1774
150
−55 to +150
Symbol
Limits
Unit
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
120
140
4.0
−0.1
−0.1
390
−0.5
5.0
VIC
= −50μA
IC
= −1mA
IE
= −50μA
VCB
= −60V
VEB
= −6V
VCE
= −6V, IC= −1mA
IC/IB
= −50mA/−5mA
VCE
= −12V, IE=2mA, f=100MHz
VCB
= −12V, IE=0A, f=1MHz
V
V
μA
μA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Packaging specifications and hFE
Package
Code
Taping
Basic ordering
unit (pieces)
QR
hFE
2SA1037AK
T146
3000
QR
2SA1576A
T106
3000
TL
3000
QR
2SA1774
T2L
8000
QR
2SA2029
−−
Type
hFE values are classified as follows:
Item
Q
R
hFE
120 to 270
180 to 390


Similar Part No. - 2SA1037AKT146Q

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1037AKT146R ROHM-2SA1037AKT146R Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Littelfuse
2SA1037AKT146S LITTELFUSE-2SA1037AKT146S Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
More results

Similar Description - 2SA1037AKT146Q

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SA1774TLR LITTELFUSE-2SA1774TLR Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Rohm
2SA1037AKT146R ROHM-2SA1037AKT146R Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Littelfuse
2SA1037AKT146S LITTELFUSE-2SA1037AKT146S Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Rohm
2SA1576AT106R ROHM-2SA1576AT106R Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SB1694 ROHM-2SB1694_09 Datasheet
95Kb / 3P
   General purpose amplification (??0V, ??A)
logo
Littelfuse
2SB1710TL LITTELFUSE-2SB1710TL Datasheet
74Kb / 3P
   General purpose amplification (??0V, ??A)
logo
Shindengen Electric Mfg...
D15XB60 SHINDENGEN-D15XB60 Datasheet
303Kb / 6P
   General Purpose Rectifiers(600V 15A)
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
   General Purpose Rectifiers(800V 15A)
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
   General Purpose Rectifiers(200V 15A)
DF15VD60 SHINDENGEN-DF15VD60 Datasheet
274Kb / 5P
   General Purpose Rectifiers(600V 15A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com