Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1342FBD48 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1342FBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1342FBD48 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1342FBD48 Datasheet HTML 7Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 8Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 9Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 10Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 11Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 12Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 13Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 14Page - NXP Semiconductors LPC1342FBD48 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 June 2012
11 of 74
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
PIO0_9/MOSI0/
CT16B0_MAT1/
SWO
28[3] yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI0 — Master Out Slave In for SSP0.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
O-
SWO — Serial wire trace output.
SWCLK/PIO0_10/
SCK0/CT16B0_MAT2
29[3] yes
I
I; PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SSP0.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/
AD0/CT32B0_MAT3
32[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
R/PIO1_0/
AD1/CT32B1_CAP0
33[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
34[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
AD3/CT32B1_MAT1
35[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_2 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/
AD4/
CT32B1_MAT2
39[5] yes
I/O
I; PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
I-
AD4 — A/D converter, input 4.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/AD5/
CT32B1_MAT3/
WAKEUP
40[5] yes
I/O
I; PU
PIO1_4 — General purpose digital input/output pin.
I-
AD5 — A/D converter, input 5.
O-
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
I-
WAKEUP — Deep power-down mode wake-up pin with 20 ns glitch
filter. This pin must be pulled HIGH externally to enter Deep
power-down mode and pulled LOW to exit Deep power-down mode.
A LOW-going pulse as short as 50 ns wakes up the part.
Table 3.
LPC1313/42/43 LQFP48 pin description table …continued
Symbol
Pin
Start
logic
input
Type Reset
state
[1]
Description


Similar Part No. - LPC1342FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1342FBD48 NXP-LPC1342FBD48 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results

Similar Description - LPC1342FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com