Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1182 Datasheet(PDF) 2 Page - Rohm

Part # 2SB1182
Description  Medium power transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1182 Datasheet(HTML) 2 Page - Rohm

  2SB1182 Datasheet HTML 1Page - Rohm 2SB1182 Datasheet HTML 2Page - Rohm 2SB1182 Datasheet HTML 3Page - Rohm 2SB1182 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Data Sheet
2SB1188 / 2SB1182 / 2SB1240
Electrical characteristics (Ta=25
C)
Measured using pulse current.
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−40
−32
−5
120
100
50
−1
−1
390
−0.8
VIC
= −50
μA
IC
= −1mA
IE
= −50
μA
VCB
= −20V
VEB
= −4V
IC/IB
= −2A/ −0.2A
VCE
= −5V, IE=0.5A, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
V
V
μA
μA
VCE
= −3V, IC= −0.5A
V
MHz
pF
Typ.
Max.
Unit
Conditions
−0.5
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Packaging specifications and hFE
Package
Code
Basic ordering unit (pieces)
Taping
T100
TL
1000
2500
QR
hFE
QR
2SB1188
2SB1182
−−
TV2
2500
QR
2SB1240
Type
hFE values are classified as follows :
Item
hFE
Q
120 to 270
R
180 to 390
Electrical characteristic curves
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
−0.2
−0.6 −0.8 −1.0 −1.2 −1.4 −1.6 −1.8 −2.0 −2.2
−0.4
−1
−2
−5
−10
−20
−50
−100
−200
−500
−1000
VCE
= −3V
Ta
=100°C
25
°C
−40°C
Fig.2 Grounded emitter output
characteristics
−0.4
0
−0.8
−1.2
−1.6
−2
0
−0.1
−0.2
−0.3
−0.4
−0.5
IB
=0A
−250μA
−500μA
−750μA
−1mA
−1.25mA
−1.5mA
−1.75mA
−2mA
−2.25mA
−2.5mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta
=25°C
Fig.3 DC current gain vs.
collector curren ( )
−5 −10 −20 −50 −100
−500 −1000 −2000
−200
50
20
100
200
500
Ta
=25°C
COLLECTOR CURRENT : IC
(mA)
VCE
= −6V
−3V
−1V


Similar Part No. - 2SB1182

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
93Kb / 4P
   Medium power Transistor(-32V, -2A)
logo
Jiangsu Changjiang Elec...
2SB1182 JIANGSU-2SB1182 Datasheet
1Mb / 4P
   TO-252-2L(4R) Plastic-Encapsulate Transistors
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1182 ROHM-2SB1182 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
2SB1182 ROHM-2SB1182 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
More results

Similar Description - 2SB1182

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com