Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB2670 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB2670
Description  200V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB2670 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB2670 Datasheet HTML 1Page - Fairchild Semiconductor FDB2670 Datasheet HTML 2Page - Fairchild Semiconductor FDB2670 Datasheet HTML 3Page - Fairchild Semiconductor FDB2670 Datasheet HTML 4Page - Fairchild Semiconductor FDB2670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2001
2001 Fairchild Semiconductor Corporation
FDP2670/FDB2670 Rev C1(W)
FDP2670/FDB2670
200V N-Channel PowerTrench
MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically for switching on the primary side in the
isolated DC/DC converter application. Any application
requiring a 200V MOSFETs with low on-resistance and
fast switching will benefit.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power
supply designs with higher overall efficiency.
Features
• 19 A, 200 V. R
DS(ON) = 130 m
Ω @ V
GS = 10 V
• Low gate charge (27 nC typical)
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
G
D
TO-220
FDP Series
D
G
S
TO-263AB
FDB Series
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
200
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1)
19
A
– Pulsed
(Note 1)
40
A
PD
Total Power Dissipation @ TC = 25
°C
93
W
Derate above 25
°C
0.63
W
°/C
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
3.2
V/ns
TJ, TSTG
Operating and Storage Junction Temperature Range
–65 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
1.6
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDB2670
FDB2670
13’’
24mm
800 units
FDP2670
FDP2670
Tube
n/a
45 units


Similar Part No. - FDB2670

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB2670 ISC-FDB2670 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB2670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com