Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP4020P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP4020P
Description  P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP4020P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDP4020P Datasheet HTML 1Page - Fairchild Semiconductor FDP4020P Datasheet HTML 2Page - Fairchild Semiconductor FDP4020P Datasheet HTML 3Page - Fairchild Semiconductor FDP4020P Datasheet HTML 4Page - Fairchild Semiconductor FDP4020P Datasheet HTML 5Page - Fairchild Semiconductor FDP4020P Datasheet HTML 6Page - Fairchild Semiconductor FDP4020P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TO-220 (FS PKG Code 37)
TO-220 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 1.4378


Similar Part No. - FDP4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDP4020P ISC-FDP4020P Datasheet
326Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
More results

Similar Description - FDP4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB4020P KEXIN-KDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
FDT439N FAIRCHILD-FDT439N Datasheet
289Kb / 8P
   N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com