Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393B2G70CB0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M393B2G70CB0
Description  240pin Registered DIMM based on 4Gb C-die
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B2G70CB0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M393B2G70CB0 Datasheet HTML 1Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 2Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 3Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 4Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 5Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 6Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 7Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 8Page - Samsung semiconductor M393B2G70CB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
- 5 -
datasheet
DDR3 SDRAM
Rev. 1.0
Registered DIMM
4. Registered DIMM Pin Configurations (Front side/Back side)
NOTE : NC = No internal Connection
SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
VREFDQ
121
VSS
42
DQS8162
NC,DQS17
,TDQS17
82
DQ33
202
VSS
2
VSS
122
DQ4
43
DQS8
163
VSS
83
VSS
203
DM4,DQS13
,TDQS13
3
DQ0
123
DQ5
44
VSS
164
CB6,NC
84
DQS4
204
NC,DQS13
,TDQS13
4DQ1
124
VSS
45
CB2,NC
165
CB7,NC
85
DQS4
205
VSS
5
VSS
125
DM0,DQS9
,TDQS9
46
CB3,NC
166
VSS
86
VSS
206
DQ38
6DQS0126
NC,DQS9
,TDQS9
47
VSS
167
NC(TEST)
87
DQ34
207
DQ39
7DQS0
127
VSS
48
VTT, NC
168
RESET
88
DQ35
208
VSS
8
VSS
128
DQ6
KEY
89
VSS
209
DQ44
9
DQ2
129
DQ7
49
VTT, NC
169
CKE1, NC
90
DQ40
210
DQ45
10
DQ3
130
VSS
50
CKE0
170
VDD
91
DQ41
211
VSS
11
VSS
131
DQ12
51
VDD
171
A15
92
VSS
212
DM5,DQS14
,TDQS14
12
DQ8
132
DQ13
52
BA2
172
A14
93
DQS5
213
NC,DQS14
,TDQS14
13
DQ9
133
VSS
53
Err_Out/NC
173
VDD
94
DQS5
214
VSS
14
VSS
134
DM1,DQS10
,TDQS10
54
VDD
174
A12/BC
95
VSS
215
DQ46
15
DQS1135
NC,DQS10
,TDQS10
55
A11
175
A9
96
DQ42
216
DQ47
16
DQS1
136
VSS
56
A7
176
VDD
97
DQ43
217
VSS
17
VSS
137
DQ14
57
VDD
177
A8
98
VSS
218
DQ52
18
DQ10
138
DQ15
58
A5
178
A6
99
DQ48
219
DQ53
19
DQ11
139
VSS
59
A4
179
VDD
100
DQ49
220
VSS
20
VSS
140
DQ20
60
VDD
180
A3
101
VSS
221
DM6,DQS15
,TDQS15
21
DQ16
141
DQ21
61
A2
181
A1
102
DQS6
222
NC,DQS15
,TDQS15
22
DQ17
142
VSS
62
VDD
182
VDD
103
DQS6
223
VSS
23
VSS
143
DM2,DQS11
,TDQS11
63
NC, CK1
183
VDD
104
VSS
224
DQ54
24
DQS2144
NC,DQS11
,TDQS11
64
NC, CK1
184
CK0
105
DQ50
225
DQ55
25
DQS2
145
VSS
65
VDD
185
CK0
106
DQ51
226
VSS
26
VSS
146
DQ22
66
VDD
186
VDD
107
VSS
227
DQ60
27
DQ18
147
DQ23
67
VREFCA
187
EVENT,NC
108
DQ56
228
DQ61
28
DQ19
148
VSS
68
NC/Par_In
188
A0
109
DQ57
229
VSS
29
VSS
149
DQ28
69
VDD
189
VDD
110
VSS
230
DM7/DQS16
TDQS16
30
DQ24
150
DQ29
70
A10/AP
190
BA1
111
DQS7
231
DM7,DQS16
,TDQS16
31
DQ25
151
VSS
71
BA0
191
VDD
112
DQS7
232
VSS
32
VSS
152
DM3,DQS12
,TDQS12
72
VDD
192
RAS
113
VSS
233
DQ62
33
DQS3153
NC,DQS12
,TDQS12
73
WE
193
S0
114
DQ58
234
DQ63
34
DQS3
154
VSS
74
CAS
194
VDD
115
DQ59
235
VSS
35
VSS
155
DQ30
75
VDD
195
ODT0
116
VSS
236
VDDSPD
36
DQ26
156
DQ31
76
S1,NC
196
A13
117
SA0
237
SA1
37
DQ27
157
VSS
77
ODT1,NC
197
VDD
118
SCL
238
SDA
38
VSS
158
CB4,NC
78
VDD
198
S3,NC
119
SA2
239
VSS
39
CB0,NC
159
CB5,NC
79
S2,NC
199
VSS
120
VTT
240
VTT
40
CB1,NC
160
VSS
80
VSS
200
DQ36
41
VSS
161
DM8,DQS17
TDQS17,NC
81
DQ32
201
DQ37


Similar Part No. - M393B2G70CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B2G70AH0 SAMSUNG-M393B2G70AH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M393B2G70DB0-CMA SAMSUNG-M393B2G70DB0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B2G70DB0-YK0 SAMSUNG-M393B2G70DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B2G70QH0-CM SAMSUNG-M393B2G70QH0-CM Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M393B2G70QH0-YK0 SAMSUNG-M393B2G70QH0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M393B2G70CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B1G73BH0 SAMSUNG-M393B1G73BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
logo
Hynix Semiconductor
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com