Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2351T106W Datasheet(PDF) 9 Page - Rohm

Part # 2SD2351T106W
Description  NPN 150mA 50V Muting Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2351T106W Datasheet(HTML) 9 Page - Rohm

Back Button 2SD2351T106W Datasheet HTML 3Page - Rohm 2SD2351T106W Datasheet HTML 4Page - Rohm 2SD2351T106W Datasheet HTML 5Page - Rohm 2SD2351T106W Datasheet HTML 6Page - Rohm 2SD2351T106W Datasheet HTML 7Page - Rohm 2SD2351T106W Datasheet HTML 8Page - Rohm 2SD2351T106W Datasheet HTML 9Page - Rohm 2SD2351T106W Datasheet HTML 10Page - Rohm 2SD2351T106W Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SD2707 / 2SD2654 / 2SD2351 / 2SD2226K
lDimensions (Unit : mm)
Dimension in mm / inches
UMT3
x
S A
A
D
b
c
Q
A3
b2
S
e
e
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0.000
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.020
Lp
0.25
0.55
0.010
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.50
-
0.020
e1
l1
-
0.65
-
0.026
1.55
0.061
DIM
MILIMETERS
INCHES
0.25
0.010
0.65
0.026
DIM
MILIMETERS
INCHES
9/10
2013.05 - Rev.B


Similar Part No. - 2SD2351T106W

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
More results

Similar Description - 2SD2351T106W

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
   NPN 150mA 50V Muting Transistors
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
   PNP -150mA -50V General Purpose Transistors
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTD143EK ROHM-DTD143EK_12 Datasheet
370Kb / 7P
   NPN 500mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTD123YK ROHM-DTD123YK_12 Datasheet
372Kb / 7P
   NPN 500mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com