Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114YEB Datasheet(PDF) 2 Page - Rohm

Part # DTC114YEB
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114YEB Datasheet(HTML) 2 Page - Rohm

  DTC114YEB Datasheet HTML 1Page - Rohm DTC114YEB Datasheet HTML 2Page - Rohm DTC114YEB Datasheet HTML 3Page - Rohm DTC114YEB Datasheet HTML 4Page - Rohm DTC114YEB Datasheet HTML 5Page - Rohm DTC114YEB Datasheet HTML 6Page - Rohm DTC114YEB Datasheet HTML 7Page - Rohm DTC114YEB Datasheet HTML 8Page - Rohm DTC114YEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC114Y series
lAbsolute maximum ratings
(Ta = 25C)
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
Parameter
Symbol
Values
Unit
VCC
50
V
VIN
-
6 to +40
V
IO
70
mA
IC(MAX.)*1
100
mA
DTC114YM
DTC114YEB
DTC114YE
PD *2
150
mW
DTC114YUB
DTC114YUA
DTC114YKA
200
mW
Tj
150
C
Tstg
-
55 to +150
C
Parameter
Symbol
Conditions
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
V
VI(on)
VO = 0.3V, IO = 1mA
1.4
-
-
0.3
V
Input current
II
VI = 5V
-
-
0.88
mA
Output voltage
VO(on)
IO / II = 5mA / 0.25mA
-
0.1
0.3
m
A
DC current gain
GI
VO = 5V, IO = 5mA
68
-
-
-
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
0.5
kW
Resistance ratio
R2/R1
-
3.7
4.7
5.7
-
Input resistance
R1
-
7
10
13
MHz
Transition frequency
fT *1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
2/10
2012.04 - Rev.A


Similar Part No. - DTC114YEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114YEB ROHM-DTC114YEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTC114YEB ROHM-DTC114YEB Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC114YEB ROHM-DTC114YEB Datasheet
554Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YEB ROHM-DTC114YEB Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC114YEBHZG ROHM-DTC114YEBHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTC114YEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com