Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR264M-400 Datasheet(PDF) 1 Page - Rohm

Part # RR264M-400
Description  Rectifying diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RR264M-400 Datasheet(HTML) 1 Page - Rohm

  RR264M-400 Datasheet HTML 1Page - Rohm RR264M-400 Datasheet HTML 2Page - Rohm RR264M-400 Datasheet HTML 3Page - Rohm RR264M-400 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RR264M-400
Diodes
Rev.A
1/3
Rectifying diode
RR264M- 400
Applications
External dimensions (Unit:mm)
Land size figure (Unit : mm)
General rectification
Features
1) Small power mold type. (PMDU)
2) High reliability.
Construction
Silicon diffused junction
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25 C)
Sym bol
Unit
VR
V
IF
A
Io
A
IFSM
A
Tj
Ts tg
Electrical characteristics (Ta=25 C)
Sym bol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
--
1.1
V
IF=0.7A
Revers e current
IR
--
10
uA
VR=400V
Param eter
Forward current s urge peak 60Hz 1cyc
25
unction tem perature
torage tem perature
150
*1) Mounted on epoxy board. 180
Half s ine wave
-55 to +150
Param eter
orward current (DC)
verage rectified forward current (
*1)
eak revers e voltage (repetitive peak)
Lim its
1
0.7
400
P
F
A
J
S
(


Similar Part No. - RR264M-400

ManufacturerPart #DatasheetDescription
logo
Rohm
RR264M-400 ROHM-RR264M-400 Datasheet
160Kb / 4P
   Rectifying diode
RR264M-400 ROHM-RR264M-400 Datasheet
141Kb / 4P
   Rectifying diode
RR264M-400 ROHM-RR264M-400 Datasheet
319Kb / 4P
   Rectifier Diode
RR264M-400TF ROHM-RR264M-400TF Datasheet
652Kb / 7P
   Rectifying Diode
2015.08 - Rev.B
logo
Guangdong Kexin Industr...
RR264M-400W KEXIN-RR264M-400W Datasheet
1Mb / 3P
   Rectifier Diodes
More results

Similar Description - RR264M-400

ManufacturerPart #DatasheetDescription
logo
Rohm
RR2LAM4S ROHM-RR2LAM4S Datasheet
760Kb / 7P
   Rectifying Diode
RR2LAM4STF ROHM-RR2LAM4STF Datasheet
912Kb / 8P
   Rectifying Diode
RR2LAM6STF ROHM-RR2LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR1LAM6S ROHM-RR1LAM6S Datasheet
827Kb / 7P
   Rectifying Diode
RR2LAM6S ROHM-RR2LAM6S Datasheet
761Kb / 7P
   Rectifying Diode
RR264MM-400 ROHM-RR264MM-400 Datasheet
598Kb / 5P
   Rectifying Diode
RR1LAM4S ROHM-RR1LAM4S Datasheet
824Kb / 7P
   Rectifying Diode
RR264MM-400TF ROHM-RR264MM-400TF_16 Datasheet
897Kb / 7P
   Rectifying Diode
RR1LAM6STF ROHM-RR1LAM6STF Datasheet
918Kb / 8P
   Rectifying Diode
RR264M-400 ROHM-RR264M-400 Datasheet
160Kb / 4P
   Rectifying diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com