Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8E2TL06-M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-8E2TL06-M
Description  Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8E2TL06-M Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-8E2TL06-M Datasheet HTML 1Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 2Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 3Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 4Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 5Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 6Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 7Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 8Page - Vishay Siliconix VS-8E2TL06-M Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 93168
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-8E2TL06-E, VS-8E2TL06-M, VS-8E2TL06FP-E
Ultralow VF Ultrafast Rectifier,
8 A FRED Pt®
Vishay Semiconductors
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (TO-220)
VF - Forward Voltage Drop (V)
0.2
0.4
0.6
1.0
1.4
0.8
1.2
1.6
1.8
0.1
1
10
100
93168_01
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
100
93168_02
T
J = 125 °C
T
J = 175 °C
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 25 °C
T
J = 50 °C
VR - Reverse Voltage (V)
0
100
200
400
500
300
600
1
100
10
93168_03
0.01
0.1
1
10
0.00001
93168_04
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - VS-8E2TL06-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
VS-8E2TH06-M VISHAY-VS-8E2TH06-M Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
VS-8E2TH06FP-E VISHAY-VS-8E2TH06FP-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results

Similar Description - VS-8E2TL06-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-8EWL06FN-M3 VISHAY-VS-8EWL06FN-M3 Datasheet
161Kb / 7P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS-15AWL06FN-M3 VISHAY-VS-15AWL06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
15AWL06FN-E3 VISHAY-15AWL06FN-E3 Datasheet
147Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
VS-5EWL06FN-M3 VISHAY-VS-5EWL06FN-M3 Datasheet
156Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com