Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2036-25-B3 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2036-25-B3
Description  2036 Series - Miniature 3-Pole Gas Discharge Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-25-B3 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2036-25-B3 Datasheet HTML 1Page - Bourns Electronic Solutions 2036-25-B3 Datasheet HTML 2Page - Bourns Electronic Solutions 2036-25-B3 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2036 - xx - x (n) F LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = None
B = 0.8 mm
Lead Shape
(See Product Dimension Drawings)
Fail-Short Option
Blank = Standard Product
F = With Fail-Short Mechanism
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
REV. 08/29/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2036 Series - Miniature 3-Pole Gas Discharge Tube
Switch-Grade Fail-Short Device Shorting Curve 2036-XX-XF
1.0
10.0
5.0
0.5
0.1
0.1
110
ELTGS = Each Line to Ground Simultaneously
NOTE: When using a GDT failsafe device, it is imperative that all components
associated and connected to the GDT with failsafe be tested in their respective
completely integrated environment (finished product) to assure proper operation.
Seconds
100
Packaging Specifications
Model 2036-xx-n ships standard bulk pack, 100 pcs./tray.


Similar Part No. - 2036-25-B3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-25-B3 BOURNS-2036-25-B3 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2036-25-B3LF BOURNS-2036-25-B3LF Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
More results

Similar Description - 2036-25-B3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-23-B3FLF BOURNS-2036-23-B3FLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com