Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB6030 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB6030
Description  N-Channel Logic Level PowerTrench MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB6030 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB6030 Datasheet HTML 1Page - Fairchild Semiconductor FDB6030 Datasheet HTML 2Page - Fairchild Semiconductor FDB6030 Datasheet HTML 3Page - Fairchild Semiconductor FDB6030 Datasheet HTML 4Page - Fairchild Semiconductor FDB6030 Datasheet HTML 5Page - Fairchild Semiconductor FDB6030 Datasheet HTML 6Page - Fairchild Semiconductor FDB6030 Datasheet HTML 7Page - Fairchild Semiconductor FDB6030 Datasheet HTML 8Page - Fairchild Semiconductor FDB6030 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FDP6030BL/FDB6030BL Rev.C
July 2000
200 Fairchild Semiconductor International
FDP6030BL/FDB6030BL
N-Channel Logic Level PowerTrench
MOSFET
Features
• 40 A, 30 V. R
DS(ON) = 0.018 Ω @ VGS = 10 V
R
DS(ON) = 0.024 Ω @ VGS = 4.5 V.
• Critical DC electrical parameters specified at elevated
temperature.
• Rugged internal source-drain diode can eliminate the
need for an external Zener diode transient suppressor.
• High performance trench technology for
extremely low R
DS(ON).
• 175
°C maximum junction temperature rating.
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
FDP6030BL
FDB6030BL
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current
- Continuous
(Note 1)
40
- Pulsed
120
A
Total Power Dissipation @ TC = 25°C
60
W
PD
Derate above 25°C
0.36
W/°C
TJ, TSTG
Operating and Storage Junction Temperature Range
-65 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDB6030BL
FDB6030BL
13’’
24mm
800
FDP6030BL
FDP6030BL
Tube
N/A
45
S
D
G
S
G
D
TO-220
FDP Series
D
G
S
TO-263AB
FDB Seri es
General Description
This N-Channel Logic Level MOSFET has been designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable R
DS(on)
specifications resulting in DC/DC power supply designs
with higher overall efficiency.


Similar Part No. - FDB6030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6030 FAIRCHILD-FDB6030 Datasheet
473Kb / 4P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDB6030BL ISC-FDB6030BL Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB6030L FAIRCHILD-FDB6030L Datasheet
473Kb / 4P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDB6030L ISC-FDB6030L Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB6030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com